Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3152 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN3152
Description  The right technology for solar converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3152 Datasheet(HTML) 3 Page - STMicroelectronics

  AN3152 Datasheet HTML 1Page - STMicroelectronics AN3152 Datasheet HTML 2Page - STMicroelectronics AN3152 Datasheet HTML 3Page - STMicroelectronics AN3152 Datasheet HTML 4Page - STMicroelectronics AN3152 Datasheet HTML 5Page - STMicroelectronics AN3152 Datasheet HTML 6Page - STMicroelectronics AN3152 Datasheet HTML 7Page - STMicroelectronics AN3152 Datasheet HTML 8Page - STMicroelectronics AN3152 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AN3152
List of figures
Doc ID 17056 Rev 1
3/17
List of figures
Figure 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Figure 2.
BOOST stage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 3.
Power transformer and rectification stage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
Figure 4.
BUCK current generator stage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 5.
100 Hz bridge sync rectifier stage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 6.
Efficiency vs. power output on BOOST stage @ Rg=8.2 Ω and di/dt = 1400 W . . . . . . . . . 9
Figure 7.
Typical waveform during normal operation on BOOST stage @ POUT = 1300 W . . . . . . . 10
Figure 8.
Turn-on waveform on BOOST stage @ POUT = 1700 W, VIN = 200 V . . . . . . . . . . . . . . . . 11
Figure 9.
di/dt vs. gate resistance value @ total parasitic inductance of 110 nH on the power loop 12
Figure 10.
Ipeak vs. di/dt @ POUT = 1900 W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 11.
Silicon vs. SiC diode comparison @ IF = 5 A, di/dt = 840 A/µs. . . . . . . . . . . . . . . . . . . . . . 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com