Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3152 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN3152
Description  The right technology for solar converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3152 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN3152 Datasheet HTML 7Page - STMicroelectronics AN3152 Datasheet HTML 8Page - STMicroelectronics AN3152 Datasheet HTML 9Page - STMicroelectronics AN3152 Datasheet HTML 10Page - STMicroelectronics AN3152 Datasheet HTML 11Page - STMicroelectronics AN3152 Datasheet HTML 12Page - STMicroelectronics AN3152 Datasheet HTML 13Page - STMicroelectronics AN3152 Datasheet HTML 14Page - STMicroelectronics AN3152 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AN3152
Measurements on the BOOST stage
Doc ID 17056 Rev 1
11/17
Figure 8.
Turn-on waveform on BOOST stage @ POUT = 1700 W, VIN = 200 V
Table 1 summarizes the results of the measurements performed by varying the R
g gate
resistor value. Please note that we use a gate resistor just for turn-on. For turn-off, a simple
diode is used, connected in parallel to the gate resistor. It should be highlighted that lower
Rg values lead to improved efficiency over the entire power output scale. But at the same
time this means higher spike voltage and current during commutation. By using a lower gate
resistor you get better efficiency, but also higher peak recovery current and higher di/dt. This
could be a problem for EMI irradiation and reliability, so an 8.2
Ω and 1400 A di/dt should be
a good compromise.
Although designers strive to keep all board parasitic influences to a minimum, they cannot
be eliminated completely due to the physical limitations related to component dimensions.
The copper tracks on the board must be as short as possible, but in any case must be long
Table 1.
di/dt and Ipeak vs. Rgate during turn-on @ POUT = 2000 W, VIN= 200 V
Rg (Ω)ION di/dt (A/µs)
IONpeak (A)
Efficiency @
POUT = 2 kW (%)
3.9
2200
26.6
98.52
5.6
2000
24.7
98.40
8.2
1400
20.6
98.27
15
800
17.4
98.14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com