Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3152 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3152
Description  The right technology for solar converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3152 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3152 Datasheet HTML 1Page - STMicroelectronics AN3152 Datasheet HTML 2Page - STMicroelectronics AN3152 Datasheet HTML 3Page - STMicroelectronics AN3152 Datasheet HTML 4Page - STMicroelectronics AN3152 Datasheet HTML 5Page - STMicroelectronics AN3152 Datasheet HTML 6Page - STMicroelectronics AN3152 Datasheet HTML 7Page - STMicroelectronics AN3152 Datasheet HTML 8Page - STMicroelectronics AN3152 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Solar power systems and inverters
AN3152
4/17
Doc ID 17056 Rev 1
1
Solar power systems and inverters
There are a wide variety of topologies employed in the design of converters for solar power
systems, but they can be separated into two main classifications:
Grid connected:
These are usually isolated residential PV panels or collections of panels, called
“farms”, connected to a central power facility maintained by a private or public
company. Therefore, the energy produced from these photovoltaic modules during
the day can be used immediately on the main grid. These systems do not require
storage batteries or any backup system to store the energy, because the main grid
continues to supply energy at night or in the absence of sunlight.
Standalone:
These are used on systems typically far from a municipal or public power grid.
These systems use a battery, or bank of batteries, to store the energy produced
during the day by the panels, in order to provide a supply of energy at night or
when solar irradiation is low. Grid connected inverters are generally more complex
than the standalone because they must synchronize with the grid sinusoid and
supply the current within the same phase. However, the first stages of design are
quite the same on both types of inverters. Traditionally, solar systems used to
implement a single, shared inverter for all panels. This is called a “centralized”
system. The trend today is toward a “string inverter” system, in which each panel
is equipped with its own low power and high performance inverter. Each of the
inverters mentioned previously can be designed following two different
approaches with respect to frequency operation. If a low frequency approach is
adopted (typically 100 Hz), very slow devices can be used. However, in this case
very heavy transformers and bulk capacitors are necessary. Generally, newer
designs adopt high frequency operation in order to minimize inverter dimensions
and weight and to maximize performance. It is worth mentioning that in our
example we have performed the tests on a 3 kW grid-connected inverter, but the
same benefits can be obtained in each of the types of inverters previously
mentioned.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com