Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3152 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3152
Description  The right technology for solar converters
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3152 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3152 Datasheet HTML 9Page - STMicroelectronics AN3152 Datasheet HTML 10Page - STMicroelectronics AN3152 Datasheet HTML 11Page - STMicroelectronics AN3152 Datasheet HTML 12Page - STMicroelectronics AN3152 Datasheet HTML 13Page - STMicroelectronics AN3152 Datasheet HTML 14Page - STMicroelectronics AN3152 Datasheet HTML 15Page - STMicroelectronics AN3152 Datasheet HTML 16Page - STMicroelectronics AN3152 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
SiC technology vs. silicon
AN3152
14/17
Doc ID 17056 Rev 1
4
SiC technology vs. silicon
When using very fast power MOSFETs, the use of very fast diodes is also necessary in
order to prevent failures. Unfortunately, due to the relatively slow recovery of silicon diodes,
(even ultra-fast silicon diodes) they cannot be used in this project. In order to meet the new
requirements, ST has developed and introduced a new family of diodes using the new
silicon carbide technology. Silicon carbide diodes are virtually free of recovery current, even
if, due to the charge and discharge of the parasitic capacitance, a peak current is still
present during commutation. But this peak value is very low compared to a silicon diode
using the same forward and breakdown voltage. These devices are the best choice for a
high-end solar application where performance is the primary target. A comparison between
SiC and silicon diodes has been performed in a side-by-side test between a silicon ultra-fast
diode and a SiC with the same forward parameters, and using a di/dt = 800 A/µs.
Table 2
provides the results of this comparison.
Figure 11 shows the recovery at I
F = 5 A. This
clearly shows that the silicon diode has a Qrr that is ten times higher and more than 3 times
the IRM of the SiC diodes. This higher peak current triggers an immediate failure of the
power MOSFET if it is used on the converter prototype. In other words, silicon diodes cannot
be used in this type of design where the di/dt is very high (from 800 A/µs to 2000 A/µs).
Figure 11.
Silicon vs. SiC diode comparison @ IF = 5 A, di/dt = 840 A/µs
Table 2.
Silicon vs. SiC diode comparison @ IF = 5 A, di/dt = 840 A/µs
Parameter
STPCS1006D
STTH8L06D
VF@5 A, TJ = 25 °C
1.12
1.2
VF@5 A, TJ = 150 °C
1.12
0.9
Qrr (nC)
26
293
IRM (A)
3.7
9.9
Trr (ns)
13
44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com