Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1762 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN1762
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1762 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN1762 Datasheet HTML 17Page - STMicroelectronics AN1762 Datasheet HTML 18Page - STMicroelectronics AN1762 Datasheet HTML 19Page - STMicroelectronics AN1762 Datasheet HTML 20Page - STMicroelectronics AN1762 Datasheet HTML 21Page - STMicroelectronics AN1762 Datasheet HTML 22Page - STMicroelectronics AN1762 Datasheet HTML 23Page - STMicroelectronics AN1762 Datasheet HTML 24Page - STMicroelectronics AN1762 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
21/53
AN1762 APPLICATION NOTE
Figure 21. Typical disable and delay time as a function of CEN, for several values of REN.
3.13 Adjusting the Over Current Detection trip point (L6206 ONLY)
The L6206 allows the user to set the Over Current Detection threshold separately for the two full bridges con-
necting two resistors (RCL) to pins PROGCLA and PROGCLB. The OCD threshold (ISOVER) follows the equa-
tions:
–ISOVER = 5.6A ±30% at -25 °C < Tj < 125 °C if RCL = 0 Ω (PROGCL connected to GND)
–ISOVER =
±10% at -25 °C < Tj < 125 °C if 5K Ω < RCL < 40k Ω
Figure 22 shows the OCD threshold versus RCL value in the range from 5kΩ to 40kΩ.
11 0
1 0 0
0. 1
1
10
C EN [ nF]
11 0
1 0 0
1
10
10 0
1 . 10
3
C EN [ nF]
R EN = 220 k
Ω
R EN = 100 k
Ω
R EN = 47 k
Ω
R EN = 33 k
Ω
R EN = 10 k
Ω
22100
R
CL
----------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com