Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1762 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1762
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1762 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1762 Datasheet HTML 1Page - STMicroelectronics AN1762 Datasheet HTML 2Page - STMicroelectronics AN1762 Datasheet HTML 3Page - STMicroelectronics AN1762 Datasheet HTML 4Page - STMicroelectronics AN1762 Datasheet HTML 5Page - STMicroelectronics AN1762 Datasheet HTML 6Page - STMicroelectronics AN1762 Datasheet HTML 7Page - STMicroelectronics AN1762 Datasheet HTML 8Page - STMicroelectronics AN1762 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
5/53
AN1762 APPLICATION NOTE
Figure 4. High side gate drivers supply voltage versus supply voltage.
Note that VS must be connected to both VSA and VSB since the bootstrap voltage (at VBOOT pin) is the same for
the two H-bridges. The integrated DMOS have a rated Drain-Source breakdown voltage of 60V. However VS
should be kept below 52V, since in normal working conditions the DMOS see a Vds voltage that will exceed VS
supply. In particular, during a phase change (when each output of the same H-bridge switches from VS to GND
or vice versa, for example to reverse the current in the load) at the beginning of the dead-time (when all the
DMOS are off) the
SENSE pin sees a negative spike due to a not negligible parasitic inductance of the PCB
path from the pin to GND. This spike is followed by a stable negative voltage due to the drop on RSENSE. One
of the two
OUT pins of the bridge sees a similar behavior, but with a slightly larger voltage due to the forward
recovery time of the integrated freewheeling diode and the forward voltage drop across it (see Figure 5). Typical
duration of this spike is 30ns. At the same time, the other
OUT pin of the same bridge sees a voltage above VS,
due to the PCB inductance and voltage drop across the high-side (integrated) freewheeling diode, as the current
reverses direction and flows into the bulk capacitor. It turns out that the highest differential voltage can be ob-
served between the two
OUT pins of the same bridge, during the dead-time at a phase change, and this must
always be kept below 60V [3].
Figure 5. Currents and voltages during the
dead time at a phase change.
VS [V]
VBOOT - VS
[V]
6
6.4
6.8
7.2
7.6
8
8
8 .5
9
9 .5
10
10.5
V
S
SENSE
OUT
1
OUT
2
R
SENSE*I
R
SENSE*I+VF(Diode)
PCB Parasitic
Inductance
PCB Parasitic
Inductance
Bulk Capacitor
Equivalent Circuit
ESR
ESL
R
SENSE
V
S+VF(Diode)
Dangerous
High Differential Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com