Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1762 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN1762
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1762 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN1762 Datasheet HTML 28Page - STMicroelectronics AN1762 Datasheet HTML 29Page - STMicroelectronics AN1762 Datasheet HTML 30Page - STMicroelectronics AN1762 Datasheet HTML 31Page - STMicroelectronics AN1762 Datasheet HTML 32Page - STMicroelectronics AN1762 Datasheet HTML 33Page - STMicroelectronics AN1762 Datasheet HTML 34Page - STMicroelectronics AN1762 Datasheet HTML 35Page - STMicroelectronics AN1762 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 53 page
background image
AN1762 APPLICATION NOTE
32/53
4
APPLICATION EXAMPLE (L6207)
Application Data
Motor Data
Rotation Speed:
300 rpm (fCK = 1kHz)
Winding Resistance:
6.6
Ω
Winding peak Current: 1A
Winding Inductance:
7.9mH
Maximum Ripple:
50mA
Step Angle:
1.8°/step
Supply Voltage:
24V ±5%
Maximum BEMF at 300rpm: 15V
Sequence:
Wave Mode
4.1 Decay mode, sensing resistors and reference voltage.
Referring to approximated formulae in Figure 32, it's possible to calculate the Duty-Cycle (D), the Switching Fre-
quency (fSW), the Current Ripple (∆I). With a 15 µs off-time, we will have:
D
≅ 63%, fSW ≅ 25kHz, ∆I ≅ 29mA. The on-time is tON = D / fSW ≅ 25µs, which is far from the minimum allowed
(1.5µs), so slow decay can be used.
The bulk capacitor need to withstand at least 24V + 5% + 25%
≅ 32V. A 50V capacitor will be used. Allowing a
voltage ripple of 200mV, the capacitor ESR should be lower than 200mV / 1A = 200m
Ω; the AC current capa-
bility should be about 1A.
Providing a reference voltage of 0.5V, 0.5
Ω sensing resistor are needed. The resistors power rating is about PR
≅ Irms2 · RSENSE · D ≅ 0.32W. Two 1Ω - 0.25W - 1% resistors in parallel are used. The charge pump uses rec-
ommended components (1N4148 diodes, ceramic capacitors and a 100
Ω resistor to reduce EMI).
R = 18k
Ω, C = 1.2 nF are connected to the RC pins, obtaining tOFF ≅ 16µs. On the EN pins 5.6nF capacitors
have been placed, and the pins are driven by the µC through 100k
Ω resistors. With these values, in case of
short circuit between two OUT pins or an OUT pin and GND, the PowerDMOS turns off after about 1µs, and
tDISABLE ≅ 240µs.
Figure 34. Application Example.
With Wave Drive selected, referring to Figure 31 to Figure 33, the dissipating power is about 1.36 W. If the am-
bient temperature is lower than 50°C, with 4cm2 of copper area on the PCB and a SO24 package, the estimated
junction temperature is about 123°C. Using more copper area or a PowerDIP package will reduce the junction
temperature.
+
-
VS = 24 V
Vref = 0.5 V
ENB
IN2B
IN2A
IN1B
IN1A
VrefA
VrefB
RCA
RCB
GND
GND
GND
GND
SENSEA
SENSEB
VSA
VSB
VBOO T
CP
OUT1B OUT2B
OUT1A OUT2A
1N4148
1N4148
100 k
Ω
1.2 nF
Ceramic
18 k
Ω
5%
100
Ω
0.25W
5.6 nF
Ceramic
47nF
Ceramic
18 k
Ω
5%
1.2 nF
Ceramic
100nF 50V
Cera mi c
220nF 50V
Ceramic
10nF 50V
Ceramic
100µF 50V
ESR<200m
Ω
L6207
µC
or
Custom Logic
2-Phase
Stepper Motor
+
-
4 X
1
Ω, 0.25 W, 1%
2 k
Ω 0.25 W
1%
18 k
Ω 0.25 W
1%
Logic Supply
5 V
ENA
100 k
Ω
5.6 nF
Cera mi c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com