Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1762 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN1762
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1762 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN1762 Datasheet HTML 19Page - STMicroelectronics AN1762 Datasheet HTML 20Page - STMicroelectronics AN1762 Datasheet HTML 21Page - STMicroelectronics AN1762 Datasheet HTML 22Page - STMicroelectronics AN1762 Datasheet HTML 23Page - STMicroelectronics AN1762 Datasheet HTML 24Page - STMicroelectronics AN1762 Datasheet HTML 25Page - STMicroelectronics AN1762 Datasheet HTML 26Page - STMicroelectronics AN1762 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
23/53
AN1762 APPLICATION NOTE
3.14 Paralleling two Full Bridges
3.14.1Paralleling two Full Bridges to get a single Full Bridge
The outputs of L6205, L6206, L6207 can be paralleled to increase the output current capability or reduce the
power dissipation in the device at a given current level. It must be noted, however, that the internal wire bond
connections from the die to the power or sense pins of the package must carry current in both of the associated
half bridges (see Figure 24). When the two halves of one full bridge (for example OUT1A and OUT2A) are con-
nected in parallel, the peak current rating is not increased since the total current must still flow through one bond
wire on the power supply or sense pin. In addition, the over current detection senses the sum of the current in
the upper devices of each bridge (A or B) so connecting the two halves of one bridge in parallel does not in-
crease the over current detection threshold.
Figure 24. VS and SENSE pins maximum current handling
This configuration has to be used when two separate loads are driven, since the ICs has only two ENABLE in-
puts, one for the full bridge A and the other for the bridge B. In this case pulling to GND one of the two ENABLE
pins will disable only one load (see Figure 25).
This configuration can also be used if a 5.6A OCD threshold is desired (instead of 11.2A).
Half Bridge 1 and the Half Bridge 2 of the Bridge A are connected in parallel and the same done for the Bridge
B as shown in Figure 25. In this configuration, the peak current for each half bridge is still limited by the bond
wires for the supply and sense pins so the dissipation in the device will be reduced, but the peak current rating
is not increased. Using this configuration with L6206, two separate resistors connected to pins
PROGCLA and
PROGCLB must be used. With L6207, two separate RC network should be used on RC pins. When two different
loads are driven (see Figure 25) by the two equivalent half bridges, two separate sensing resistors are needed,
while if the two equivalent half bridges drive two separate loads, they must be connected from the
OUT pins to
VS (see Figure 25) to make the PWM current control working properly.
In this configuration, the resulting bridge has the following characteristics (typical values).
- Equivalent Device: FULL BRIDGE
- RDS(ON) 0.15Ω Typ. Value @ TJ = 25°C
- 2.8A max RMS Load Current
- 5.6A OCD Threshold
OVER
CURRENT
DETECTION
VSA
OUT2A
SENSEA
BRIDGE A
2.8A rms
5.6A peak
SOURCED:
IOUT1 + IOUT2 = ISUPPLY < 2.8A rms, 5.6A pk.
SOURCED Current
OCD Threshold:
IOUT1+ IOUT2 = 5.6A typ.
OUT1A
SINKED:
IOUT1 + IOUT2 = ISENSE < 2.8A rms, 5.6A pk.
OVER
CURRENT
DETECTION
VSB
OUT2B
SENSEB
BRIDGE B
2.8A rms
5.6A peak
SOURCED:
IOUT1 + IOUT2 = ISUPPLY < 2.8A rms, 5.6A pk.
SOURCED Current
OCD Threshold:
IOUT1+ IOUT2 = 5.6A typ.
OUT1B
VSA
OUT2A
SENSEA
BRIDGE A
2.8A rms
5.6A peak
OUT1A
SINKED:
IOUT1 + IOUT2 = ISENSE < 2.8A rms, 5.6A pk.
VSB
OUT2B
SENSEB
BRIDGE B
2.8A rms
5.6A peak
OUT1B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com