Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1762 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1762
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1762 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1762 Datasheet HTML 1Page - STMicroelectronics AN1762 Datasheet HTML 2Page - STMicroelectronics AN1762 Datasheet HTML 3Page - STMicroelectronics AN1762 Datasheet HTML 4Page - STMicroelectronics AN1762 Datasheet HTML 5Page - STMicroelectronics AN1762 Datasheet HTML 6Page - STMicroelectronics AN1762 Datasheet HTML 7Page - STMicroelectronics AN1762 Datasheet HTML 8Page - STMicroelectronics AN1762 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
AN1762 APPLICATION NOTE
4/53
2
MAIN DIFFERENCES BETWEEN L6205, L6206, L6207
L6205, L6206 and L6207 are DMOS Dual Full Bridge ICs.
L6205 (see Figure 1) includes logic for CMOS/TTL interface, a charge pump that provide auxiliary voltage to
drive the high-side DMOS, non dissipative over current protection circuitry on the high-side DMOS, with fixed
trip point set at 5.6 A (see
Over Current Protection Section), over temperature protection, Under Voltage Lock-
Out for reliable start-up.
In addition, L6206 gives the possibility of adjusting the trip point of the over current protection for each of the
two full-bridges (through two external resistors), and its internal open-drain mosfets (see
Over Current Protec-
tion Section) are not internally connected to EN pins but to separate OCD pins, allowing easier external diagnos-
tics and overcurrent management.
L6207 has Over Current protection function with fixed trip point set at 5.6 A and internal open-drain mosfets
connected to
EN pins, as the L6205, but it also integrates two PWM current controller for each of the two full-
bridges (see
Programmable off-time Monostable section).
3
DESIGNING AN APPLICATION WITH L6205, L6206, L6207
3.1 Current Ratings
With MOSFET (DMOS) devices, unlike bipolar transistors, current under short circuit conditions is, at first ap-
proximation, limited by the RDS(ON) of the DMOS themselves and could reach very high values. L6205, L6206,
L6207
Out pins and the two VSA and VSB pins are rated for a maximum of 2.8A r.m.s. and 5.6A peak (typical
values), corresponding to a total (for the whole IC) 5.6A rms (11.2A peak). These values are meant to avoid
damaging metal structures, including the metallization on the die and bond wires. In practical applications,
though, maximum allowable current is less than these values, due to power dissipation limits (see
Power
Management section). The devices have a built-in Over Current Detection (OCD) that provides protection
against short circuits between the outputs and between an output and ground (see
Over Current Protection
section).
3.2 Voltage Ratings and Operating Range
The L6205, L6206, L6207 requires a single supply voltage (VS), for the motor supply. Internal voltage regulators
provide the 5V and 10V required for the internal circuitry. The operating range for VS is 8 to 52V. To prevent
working into undesirable low supply voltage an
Under Voltage Lock Out (UVLO) circuit shuts down the device
when supply voltage falls below 6V; to resume normal operating conditions, VS must then exceed 7V. The hys-
teresis is provided to avoid false intervention of the UVLO function during fast VS ringings. It should be noted,
however, that DMOS's RDS(ON) is a function of the VS supply voltage. Actually, when VS is less than 10V,
RDS(ON) is adversely affected, and this is particularly true for the High Side DMOS that are driven from VBOOT
supply. This supply is obtained through a charge pump from the internal 10V supply, which will tend to reduce
its output voltage when VS goes below 10V. Figure 4 shows the supply voltage of the high side gate drivers
(VBOOT - VS) versus the supply voltage (VS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com