Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1762 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN1762
Description  APPLICATION NOTE
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1762 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN1762 Datasheet HTML 18Page - STMicroelectronics AN1762 Datasheet HTML 19Page - STMicroelectronics AN1762 Datasheet HTML 20Page - STMicroelectronics AN1762 Datasheet HTML 21Page - STMicroelectronics AN1762 Datasheet HTML 22Page - STMicroelectronics AN1762 Datasheet HTML 23Page - STMicroelectronics AN1762 Datasheet HTML 24Page - STMicroelectronics AN1762 Datasheet HTML 25Page - STMicroelectronics AN1762 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
AN1762 APPLICATION NOTE
22/53
Figure 22. Output Current Detection Threshold versus RCL Value (L6206 ONLY)
The Over Current Detection threshold can also be adjusted through an external reference voltage, as shown in
Figure 23. The external reference voltage source should be able to sink current (about 300 µA maximum). More-
over, if supply voltage is provided to the L6206 before VEXT, and its EN pins are at a high logic level, the device
starts working with minimum OCD threshold (actually the capacitor placed at the bottom of RCL allows a short
start-up time with higher OCD threshold). VEXT can also be obtained through a PWM output of a µC, adding a
series resistor to obtain a low-pass filter.
The OCD threshold (ISOVER) follows the equation:
ISOVER =
±10%,
at -25 °C < Tj < 125 °C
if 0.5 A < ISOVER < 4.5 A
Figure 23. Adjusting the OCD Threshold through an external reference voltage (L6206 ONLY)
5k
10k
15k
20k
25k
30k
35k
40k
0
0.5
1
1.5
2
2.5
3
3.5
5
R
CL [Ω ]
4
4.5
I
SO VER
[A]
18416.7 1.2V
Ve xt
–
()
R
CL
-----------------------------------------------------------
RCL
PROGCLA
L6206
Vext = 0 ÷ 1.2 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com