Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2002 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2002
Description  Using the Demoboard for the TD350 Advanced IGBT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2002 Datasheet(HTML) 7 Page - STMicroelectronics

  AN2002 Datasheet HTML 1Page - STMicroelectronics AN2002 Datasheet HTML 2Page - STMicroelectronics AN2002 Datasheet HTML 3Page - STMicroelectronics AN2002 Datasheet HTML 4Page - STMicroelectronics AN2002 Datasheet HTML 5Page - STMicroelectronics AN2002 Datasheet HTML 6Page - STMicroelectronics AN2002 Datasheet HTML 7Page - STMicroelectronics AN2002 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Using the Demoboard for the TD350 Advanced IGBT Driver
AN2002
7/8
4
Application example no.2
This second application example shows the typical configuration in which the TD350 can be used in high
power applications. With the use of an additional buffer, the TD350 can drive IGBTs with a current rating
above 100A. The schematic in Figure 6 shows how to connect the demoboard with the optocoupler and
the power supplies on the input side, and with the IGBT module and the gate buffer circuit on the output
side.
The demoboard needs a few modifications with respect to its original configuration to be used as shown
in this example:
1) The R9 strap should be removed.
2) The resistors R6 and R7 should be replaced by short-circuits.
The main characteristics of this example are:
l A dual supply +16V/-10V is used as often needed in high power applications,
l Output buffer stage: considering the high value of the IGBT gate capacitance, the TD350 output is
connected to a discrete buffer stage made of two complementary bipolar transistors,
l CLAMP used as secondary gate discharge: the CLAMP pin is connected to a external buffer to
feature a secondary gate discharge,
l DESAT feature is implemented.
Figure 6: TD350 demoboard used in high power applications
7
2
4
5
1
3
6
8
In1
Lvoff
VL
Gnd
Fault
Gnd
VH
In2
2
4
1
3
Desat
Out
Gnd
Clamp
TD350 demoboard
16V
10V
47pF*
(*): optional parts
VH
T1
T2
T3
VL
VL
1kV
diode



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com