Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2002 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2002
Description  Using the Demoboard for the TD350 Advanced IGBT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2002 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2002 Datasheet HTML 1Page - STMicroelectronics AN2002 Datasheet HTML 2Page - STMicroelectronics AN2002 Datasheet HTML 3Page - STMicroelectronics AN2002 Datasheet HTML 4Page - STMicroelectronics AN2002 Datasheet HTML 5Page - STMicroelectronics AN2002 Datasheet HTML 6Page - STMicroelectronics AN2002 Datasheet HTML 7Page - STMicroelectronics AN2002 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AN2002
Using the Demoboard for the TD350 Advanced IGBT Driver
2/8
2.1 Input stage
The TD350 can be driven by either a pulse transformer or an optocoupler. The demoboard is set up to
use an optocoupler. The TD350 IN pin is clamped to 5V by a zener diode D2 and its bleeding resistor
R11=10K (see demoboard schematic on Figure 4). To interface the demoboard with the system, the IN1
pin of the input connector can simply be connected to a low-side optocoupler, as show on Figure 5. An
optional filtering capacitor can be added (for instance 47pF) in the event of a highly noisy environment,
although the TD350 already includes a filtering on input signals and rejects signals smaller than 100ns
(tonmin specification).
The demoboard can be modified to be driven by a pulse transformer by implementing the optional
components R2, R3, R4 and C8. The principle of operation with a pulse transformer is explained in
AN1944.
Figure 2: Demoboard layout
Figure 3: Demoboard PCB: Silk-screen, top-layer and bottom-layer previews



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com