Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2002 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2002
Description  Using the Demoboard for the TD350 Advanced IGBT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2002 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2002 Datasheet HTML 1Page - STMicroelectronics AN2002 Datasheet HTML 2Page - STMicroelectronics AN2002 Datasheet HTML 3Page - STMicroelectronics AN2002 Datasheet HTML 4Page - STMicroelectronics AN2002 Datasheet HTML 5Page - STMicroelectronics AN2002 Datasheet HTML 6Page - STMicroelectronics AN2002 Datasheet HTML 7Page - STMicroelectronics AN2002 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AN2002
Using the Demoboard for the TD350 Advanced IGBT Driver
4/8
timing. The level can be easily set by an external Zener diode D1, and its value is chosen depending on
the IGBT characteristics. This 2-level turn-off sequence takes place at each cycle, it has no effect if the
current doesn’t exceed the normal maximum rated value, but protects the IGBT in case of overcurrent
(with a slight increase of conduction losses).
In the demoboard original configuration, Ta (duration of the intermediate level) is set to approximately
1.5µs by R8=4K7 and C4=470pF. The intermediate level is set by 10V Zener diode D1 and bleeding
resistor R11=10K.
Tip:
How can you inhibit 2-level turn-off?
Connect LVOFF to VH by replacing R10 by a short-circuit, remove C4 capacitor and keep
COFF pin connected to Vref by R8=4K7.
2.5 Desaturation protection feature
The desaturation function provides a protection against overcurrent events. Voltage across the IGBT is
monitored, and the IGBT is turned off if the voltage threshold is reached. A blanking time, tb, is set using
an internal 250mA current source and an external capacitor C1. The DESAT pin is connected to output
demoboard connector by R1 resistor. In order to implement the desaturation feature, an external high
voltage diode (1kV or more) should be connected between the IGBT collector and the demoboard output
connector pin 1 (see Figure 6 for reference schematic).
The high voltage diode blocks the high voltage during IGBT off state. This diode doesn’t need to be fast,
a standard 1kV (or more) diode is acceptable.
During operation, the DESAT capacitor is discharged when TD350 output is low (IGBT off). When the
IGBT is turned on, the DESAT capacitor starts charging and desaturation protection is effective after the
blanking time, tb, has elapsed:
With the capacitor used in the demoboard (C1=100pF), the blanking time value will be close to 3ms.
Tip:
What should one do with the DESAT pin when it isn’t used?
Connect DESAT to GND by shorting together pin 1 and pin 3 on the demoboard output
connector (see Figure 5).
t
b
7.2V
C
1
250
µA
------------------
Þ
=



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com