Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2002 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2002
Description  Using the Demoboard for the TD350 Advanced IGBT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2002 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2002 Datasheet HTML 1Page - STMicroelectronics AN2002 Datasheet HTML 2Page - STMicroelectronics AN2002 Datasheet HTML 3Page - STMicroelectronics AN2002 Datasheet HTML 4Page - STMicroelectronics AN2002 Datasheet HTML 5Page - STMicroelectronics AN2002 Datasheet HTML 6Page - STMicroelectronics AN2002 Datasheet HTML 7Page - STMicroelectronics AN2002 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Introduction
TD350 is an advanced IGBT/MOSFET driver with integrated control and protection functions. Principles
of operation and application examples for the TD350 are described extensively in application note
AN1944. The present application note concerns the characteristics and use of the demoboard available
for testing the TD350.
2
Printed circuit board presentation
The demoboard is a 26x35mm double-sided PCB with the TD350 and its peripheral components
mounted in a typical configuration (pictured in Figure 2). To aid in the understanding and easy
modification of the board, the PCB top-side and bottom-side layers, as well as the silk-screen previews
are shown in Figure 3.
The demoboard electrical schematic is presented on Figure 4, and the associated bill of material can be
found on Table 1 on page 5.
Let’s study step by step the demoboard original configuration, and the way it can be modified to be
adapted to the application.
Figure 1: TD350 pinout
7
2
4
5
1
3
FAULT
6
IN
VREF
NC
COFF
LVOFF
NC
13
12
9
11
10
8
14
VH
OUT
CLAMP
GND
VL
OUTL
DESAT
Bevelled edge
indicates pin 1
location
AN2002
APPLICATION NOTE
Using the Demoboard for the TD350 Advanced IGBT Driver
Revision A
1/8
July 2004


Similar Part No. - AN2002

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
AN200 EXTECH-AN200 Datasheet
354Kb / 14P
CFM/CMM Thermo Anemometer InfraRed Thermometer
logo
List of Unclassifed Man...
AN2000-521P ETC1-AN2000-521P Datasheet
39Kb / 1P
AN0625-521P
logo
Motorola, Inc
AN2001 MOTOROLA-AN2001 Datasheet
1Mb / 20P
Designing Expansion Boards
logo
STMicroelectronics
AN2009 STMICROELECTRONICS-AN2009 Datasheet
925Kb / 39P
PWM MANAGEMENT FOR 3-PHASE BLDC MOTOR DRIVES USING THE ST7MC
12-Jul-2007
logo
Extech Instruments Corp...
AN200 EXTECH-AN200_15 Datasheet
265Kb / 1P
CFM/CMM Thermo-Anemometer IR Thermometer
More results

Similar Description - AN2002

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AN460 PHILIPS-AN460 Datasheet
66Kb / 8P
Using the P82B96 for bus interface
2001 Feb 14
logo
Motorola, Inc
AN1062 MOTOROLA-AN1062 Datasheet
609Kb / 11P
Using the QSPI for Analog Data Acquisition
logo
STMicroelectronics
TD350 STMICROELECTRONICS-TD350 Datasheet
161Kb / 11P
Advanced IGBT/MOSFET Driver
Aug-2004
logo
International Rectifier
IRS2540 IRF-IRS2540 Datasheet
824Kb / 28P
IRPLLED1 High Voltage LED Driver using the IRS2540
logo
STMicroelectronics
TD352 STMICROELECTRONICS-TD352_11 Datasheet
241Kb / 18P
Advanced IGBT/MOSFET driver
13-Jun-2011
AN1944 STMICROELECTRONICS-AN1944 Datasheet
688Kb / 21P
Developing IGBT applications using an TD350 advanced IGBT driver
09-Oct-2006
AN4130 STMICROELECTRONICS-AN4130 Datasheet
3Mb / 41P
LED driver using the HVLED815PF
03-Sep-2012
AN3161 STMICROELECTRONICS-AN3161 Datasheet
761Kb / 14P
Using the STGW35HF60WD advanced PT IGBT in parallel
05-May-2010
logo
NXP Semiconductors
AN1000 PHILIPS-AN1000_15 Datasheet
147Kb / 18P
Evaluation of the SA601/SA606 demoboard
1997 Aug 20
logo
STMicroelectronics
EVAL6470 STMICROELECTRONICS-EVAL6470 Datasheet
250Kb / 11P
Fully integrated microstepping motor driver using the L6470
22-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com