Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2002 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2002
Description  Using the Demoboard for the TD350 Advanced IGBT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2002 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2002 Datasheet HTML 1Page - STMicroelectronics AN2002 Datasheet HTML 2Page - STMicroelectronics AN2002 Datasheet HTML 3Page - STMicroelectronics AN2002 Datasheet HTML 4Page - STMicroelectronics AN2002 Datasheet HTML 5Page - STMicroelectronics AN2002 Datasheet HTML 6Page - STMicroelectronics AN2002 Datasheet HTML 7Page - STMicroelectronics AN2002 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Using the Demoboard for the TD350 Advanced IGBT Driver
AN2002
3/8
2.2 Output stage
The TD350 uses separate sink and source outputs (OUTL/OUTH) for easy gate driving. The integrated
circuit output stage is able to sink/source about 2A/1.5A typical at 25°C, but the IGBT turn-on and turn-off
current can be limited independently by the gate resistors R6 and R7 included on the demoboard. The
original value for these resistors are R6=R7=47R.
Output current capability can be increased by using an external buffer with two low-cost bipolar
transistors. This configuration is described in Section 4 on page 7.
2.3 Active Miller Clamp
The TD350 offers an alternative solution to the problem of the Miller current in IGBT switching
applications. Instead of driving the IGBT gate to a negative voltage to increase the safety margin, the
TD350 uses a dedicated CLAMP pin to control the Miller current. When the IGBT is off, a low impedance
path is established between IGBT gate and emitter to carry the Miller current, and the voltage spike on
the IGBT gate is greatly reduced. The CLAMP switch is opened when the input is activated and is closed
when the actual gate voltage goes close to the ground level. In this way, the CLAMP function doesn’t
affect the turn-off characteristic, but only keeps the gate to the low level throughout the off time.
On the demoboard, the CLAMP pin is connected to the IGBT gate by strap R9. This strap can be
removed when the clamp feature is not needed, or when an external buffer is used (see reference
schematic on Figure 6).
2.4 2-level turn-off
In the event of a short-circuit or overcurrent in the load, a large voltage overshoot can occur across the
IGBT at turn-off and can exceed the IGBT breakdown voltage. By reducing the gate voltage before turn-
off, the IGBT current is limited and the potential overvoltage is reduced. This technique is called 2-level
turn-off. Both the level and duration of the intermediate off level are adjustable. Duration is set by the
external resistor R8 and capacitor C4 in conjunction with the integrated voltage reference for accurate
Figure 4: Demoboard PCB: Electrical Schematic
R3*
R4*
R2*
C2
VH
R5
VREF
VH
R7
R1
R8
C4
R10
D1
C1
R6
C3
C5
C7
C6
7
2
4
5
1
3
6
8
2
4
1
3
R9
Desat
Out
Gnd
Clamp
VH
VL
In1
Lvoff
VL
Gnd
Fault
Gnd
VH
In2
VL
C8*
VH
R11
D2
TD350
13
12
9
11
10
8
14
7
2
4
5
1
3
VH
OUTH
CLAMP
GND
VL
OUTL
FAULT
6
IN
VREF
NC
COFF
LVOFF
DESAT
NC
(*): optional parts not mounted on demoboard original configuration



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com