Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2002 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2002
Description  Using the Demoboard for the TD350 Advanced IGBT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2002 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2002 Datasheet HTML 1Page - STMicroelectronics AN2002 Datasheet HTML 2Page - STMicroelectronics AN2002 Datasheet HTML 3Page - STMicroelectronics AN2002 Datasheet HTML 4Page - STMicroelectronics AN2002 Datasheet HTML 5Page - STMicroelectronics AN2002 Datasheet HTML 6Page - STMicroelectronics AN2002 Datasheet HTML 7Page - STMicroelectronics AN2002 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Using the Demoboard for the TD350 Advanced IGBT Driver
AN2002
5/8
Table 1: Bill of materials for demoboard
Designator
Description
Value
Package
R1
desaturation resistor
1K-1%
0805
C1
desaturation filtering capacitor
100pF-X7R
0805
C3
positive supply ceramic decoupling capacitor
100nF-X7R
0805
C5
negative supply ceramic decoupling capacitor
100nF-X7R
0805
C6
positive supply electrolytic capacitor
47
µF-50V
d6.3 x h7.7
C7
negative supply electrolytic capacitor
47
µF-50V
d6.3 x h7.7
R6
turn-on gate drive resistor
47R-1%
0805
R7
turn-off gate drive resistor
47R-1%
0805
R9
strap (optional)
0R
0805
R11
bleeding resistor for Zener diode D2
10K-1%
0805
C2
Vref decoupling capacitor
10nF-X7R
0805
R5
FAULT pin pull-up resistor
10K-1%
0805
R8
2-level turn-off timing resistor
4K7-1%
0805
C4
2-level turn-off timing capacitor
470pF-X7R
0805
R10
bleeding resistor for Zener diode D1
10K-1%
0805
D1
Zener diode for 2-level turn-off intermediate level programming
10V
Melf
D2
Zener diode for IN pin level
5V1
Melf
U1
IGBT/MOSFET driver
TD350
SO-14
J1
Input connector
8-lead
J2
Output connector
4-lead
C8
Vref/2 filtering capacitor
not mounted
0805
R4
Vref/2 divider bridge lower resistor (only with pulse transformer)
not mounted
0805
R3
Vref/2 divider bridge upper resistor (only with pulse transformer)
not mounted
0805
R2
adjustment resistor (only with pulse transformer)
not mounted
0805



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com