Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2335 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2335
Description  This document is intended to give application
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2335 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2335 Datasheet HTML 9Page - STMicroelectronics AN2335 Datasheet HTML 10Page - STMicroelectronics AN2335 Datasheet HTML 11Page - STMicroelectronics AN2335 Datasheet HTML 12Page - STMicroelectronics AN2335 Datasheet HTML 13Page - STMicroelectronics AN2335 Datasheet HTML 14Page - STMicroelectronics AN2335 Datasheet HTML 15Page - STMicroelectronics AN2335 Datasheet HTML 16Page - STMicroelectronics AN2335 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
AN2335
Digital interfaces
13/40
4.2
SPI bus interface
The LIS302DL SPI is a bus slave. The SPI allows to write and read the registers of the
device.
The Serial Interface interacts with the outside world with 4 wires: CS, SPC, SPDI and
SPDO.
4.2.1
Read & write protocol
Figure 4.
Read & write protocol
CS is the Chip Select and it is controlled by the SPI master. It goes low at the start of the
transmission and goes back high at the end. SPC is the Serial Port Clock and it is controlled
by the SPI master. It is stopped high when CS is high (no transmission). SDI and SDO are
respectively the Serial Port Data Input and Output. Those lines are driven at the falling edge
of SPC and should be captured at the rising edge of SPC.
Both the Read Register and Write Register commands are completed in 16 clocks pulses or
in multiple of 8 in case of multiple byte read/write. Bit duration is the time between two falling
edges of SPC. The first bit (bit 0) starts at the first falling edge of SPC after the falling edge
of CS while the last bit (bit 15, bit 23, ...) starts at the last falling edge of SPC just before the
rising edge of CS.
bit 0: RW bit. When 0, the data DI(7:0) is written into the device. When 1, the data DO(7:0)
from the device is read. In latter case, the chip will drive SDO at the start of bit 8.
bit 1: MS bit. When 0, the address will remain unchanged in multiple read/write commands.
When 1, the address will be auto incremented in multiple read/write commands.
bit 2-7: address AD(5:0). This is the address field of the indexed register.
bit 8-15: data DI(7:0) (write mode). This is the data that will be written into the device (MSb
first).
bit 8-15: data DO(7:0) (read mode). This is the data that will be read from the device (MSb
first).
In multiple read/write commands further blocks of 8 clock periods will be added. When MS
bit is 0 the address used to read/write data remains the same for every block. When MS bit
is 1 the address used to read/write data is incremented at every block.
The function and the behavior of SDI and SDO remain unchanged.
CS
SPC
SDI
SDO
RW
AD5 AD4 AD3 AD2 AD1 AD0
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
DO7 DO6 DO5 DO4 DO3 DO2 DO1 DO0
MS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com