Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2335 Datasheet(PDF) 29 Page - STMicroelectronics

Part # AN2335
Description  This document is intended to give application
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2335 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button AN2335 Datasheet HTML 25Page - STMicroelectronics AN2335 Datasheet HTML 26Page - STMicroelectronics AN2335 Datasheet HTML 27Page - STMicroelectronics AN2335 Datasheet HTML 28Page - STMicroelectronics AN2335 Datasheet HTML 29Page - STMicroelectronics AN2335 Datasheet HTML 30Page - STMicroelectronics AN2335 Datasheet HTML 31Page - STMicroelectronics AN2335 Datasheet HTML 32Page - STMicroelectronics AN2335 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
AN2335
Free-Fall and Wake-Up Registers
29/40
8.7
FF_WU_SRC_2 (35h)
Free-fall and wake-up source register for interrupt 2. Read only register. Refer to
FF_WU_SRC_1 for details.
Reading at this address clears FF_WU_SRC_2 register and the FF_WU2 interrupt and al-
lows the refreshment of data in the FF_WU_SRC_2 register if the latched option was chosen.
8.8
FF_WU_THS_2 (36h)
Free-fall, wake-up threshold for interrupt source 2.
DCRM bit and THS6 to THS0 behave exactly like bit in FF_WU_THS_1 but they are applied
to interrupt source 2.
x
IA
ZH
ZL
YHYLXHXL
IA
Interrupt Active. Default value: 0
(0: no interrupt has been generated;
1: one or more interrupt event has been generated)
ZH
Z High. Default value: 0
(0: no interrupt; 1: ZH event has occurred)
ZL
Z Low. Default value: 0
(0: no interrupt; 1: ZL event has occurred)
YH
Y High. Default value: 0
(0: no interrupt; 1: YH event has occurred)
YL
Y Low. Default value: 0
(0: no interrupt; 1: YL event has occurred)
XH
X High. Default value: 0
(0: no interrupt; 1: XH event has occurred)
XL
X Low. Default value: 0
(0: no interrupt; 1: XL event has occurred)
DCRM
THS6
THS5
THS4
THS3
THS2
THS1
THS0
DCRM
Duration counter reset mode selection. Default value: 0
(0: counter reset; 1: counter decremented)
THS6, THS0
Free-fall / wake-up Threshold: default value: 000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com