Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2335 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN2335
Description  This document is intended to give application
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2335 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN2335 Datasheet HTML 32Page - STMicroelectronics AN2335 Datasheet HTML 33Page - STMicroelectronics AN2335 Datasheet HTML 34Page - STMicroelectronics AN2335 Datasheet HTML 35Page - STMicroelectronics AN2335 Datasheet HTML 36Page - STMicroelectronics AN2335 Datasheet HTML 37Page - STMicroelectronics AN2335 Datasheet HTML 38Page - STMicroelectronics AN2335 Datasheet HTML 39Page - STMicroelectronics AN2335 Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
AN2335
Application Information
37/40
9.7
Output data rate selection and reading timing
The output data rate is user selectable through DR bit stored in CTRL_REG1 (20h) register.
At power-on-reset DR is reset to 0 thus providing a default output data rate set to 100 Hz.
The selectable output data rate are given in table below:
The output data rate precision is related to internal oscillator or to external clock precision
and an error of +/- 10% should be taken in account.
The output data rate precision is related to internal oscillator or to external clock precision
and an error of +/- 10% should be taken in account.
A minimum reading period 150
μs shorter than the output data rate period is defined not to
loose any data produced. During this time period the reading of the data must be performed
and DataReady signal can be used as a trigger to begin the reading sequence. At the end of
the complete sequence DataReady signal goes down and the following rise edge advise
that new data are available. If this minimum reading frequency is not observed it is possible
to loose some data and the DataReady signal have no more the meaning of a trigger signal.
The status register can be used to infer whether an overrun condition has happened.
Figure 15.
Reading Timing
Table 6.
Output Data Rate
DR
Output data rate
0
100 Hz
1
400 Hz
Table 7.
Timing Value to Avoid Loosing the Data
Time
Description
Min
Typ
Max
T0
Data rate
2.5 ms
10 ms
T1
Reading period
T0-T2
T2
New data generation
150
μs
DataReady
T0
T2
T1
New data available



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com