Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2335 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2335
Description  This document is intended to give application
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2335 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2335 Datasheet HTML 31Page - STMicroelectronics AN2335 Datasheet HTML 32Page - STMicroelectronics AN2335 Datasheet HTML 33Page - STMicroelectronics AN2335 Datasheet HTML 34Page - STMicroelectronics AN2335 Datasheet HTML 35Page - STMicroelectronics AN2335 Datasheet HTML 36Page - STMicroelectronics AN2335 Datasheet HTML 37Page - STMicroelectronics AN2335 Datasheet HTML 38Page - STMicroelectronics AN2335 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
AN2335
Application Information
35/40
9.5.2
Using the HP Filter
The code provided below gives a basic routine which shows the practical use of the inertial
wake-up feature performed onto high-pass filtered data. In particular the device is
configured to recognize when the high-frequency component of the acceleration applied
along either X, Y or Z axis exceeds a preset threshold (180mg used in the example). The
event which triggers the interrupt is latched inside the device using FF_WU interrupt source
1 and its occurrence is signalled through the usage of the INT1 pin.
At step 6, a dummy read at HP_FILTER_RESET register is performed to set the
current/reference acceleration/tilt state against which the device performed the threshold
comparison.
This read may be performed any time it is required to set the orientation/tilt of the device as
a reference state without waiting for the filter to settle.
1
write C7h into CTRL_REG1
// Turn on the sensor and set ODR=400 Hz
2
write 04h into CTRL_REG2
// High Pass filter enabled on FF_WU1, fcut-
off= 8Hz
3
write 01h into CTRL_REG3
// FF_WU1 interrupt sent to INT1 pin
4
write 0Ah into FF_WU_THS_1 reg
// Set wake-up threshold = 180 mg
5
write 00h into FF_WU_DURATION_1 reg
// No filtering/confirmation on the event
6
read HP_FILTER_RESET register
// Dummy read to force the HP filter to
// actual acceleration value
// (i.e. set reference acceleration/tilt value)
7
write 6Ah into FF_WU_CFG_1
// Configure desired wake-up event
8
poll INT1 pin; if INT1=0 then goto 7
// Poll INT1 pin waiting for the wake-up event
9
(Wake-up event has occurred; insert your code
here)
// Event handling
10
read FF_WU_SRC_1 reg
// Return the event that has triggered the
interrupt
// Clear interrupt request
11
(Insert your code here)
// Event handling
12
goto 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com