Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2335 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN2335
Description  This document is intended to give application
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2335 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN2335 Datasheet HTML 19Page - STMicroelectronics AN2335 Datasheet HTML 20Page - STMicroelectronics AN2335 Datasheet HTML 21Page - STMicroelectronics AN2335 Datasheet HTML 22Page - STMicroelectronics AN2335 Datasheet HTML 23Page - STMicroelectronics AN2335 Datasheet HTML 24Page - STMicroelectronics AN2335 Datasheet HTML 25Page - STMicroelectronics AN2335 Datasheet HTML 26Page - STMicroelectronics AN2335 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
AN2335
Data and status registers
23/40
ZOR is set to 1 whenever a new acceleration sample related to the Z-axis is generated
before the retrieval of the previous sample. When this occurs the previous sample is
overwritten. ZOR is cleared anytime OUTZ register is read.
YOR is set to 1 whenever a new acceleration sample related to the Y-axis is generated
before the retrieval of the previous sample. When this occurs the previous sample is
overwritten. YOR is cleared anytime OUTY_H register is read.
XOR is set to 1 whenever a new acceleration sample related to the X-axis is generated
before the retrieval of the previous sample. When this occurs the previous sample is
overwritten. XOR is cleared anytime OUTX_H register is read.
The ZYXDA bit signals that a new sample for all the enabled channels is available. ZYXDA
is cleared when the acceleration data (OUTX, OUTY, OUTZ) of all the enabled channels are
read.
ZDA is set to 1 whenever a new acceleration sample related to the Z-axis is available. ZDA
is cleared anytime OUTZ register is read. In order to trigger, the ZDA bit requires the Z axis
to be enabled (bit Zen=1 inside CTRL_REG1).
YDA is set to 1 whenever a new acceleration sample related to the Y-axis is available. YDA
is cleared anytime OUTY register is read. In order to trigger, the YDA bit requires the Y axis
to be enabled (bit Yen=1 inside CTRL_REG1).
XDA is set to 1 whenever a new acceleration sample related to the X-axis is available. XDA
is cleared anytime OUTX register is read. In order to trigger, the XDA bit requires the X axis
to be enabled (bit Xen=1 inside CTRL_REG1).
7.3
OUTX (29h)
X-axis output register.
7.4
OUTY (2Bh)
Y-axis output register.
.
7.5
OUTZ (2Dh)
Z-axis output register.
.
XD7
XD6
XD5
XD4
XD3
XD2
XD1
XD0
YD7
YD6
YD5
YD4
YD3
YD2
YD1
YD0
ZD7
ZD6
ZD5
ZD4
ZD3
ZD2
ZD1
ZD0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com