Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2335 Datasheet(PDF) 32 Page - STMicroelectronics

Part # AN2335
Description  This document is intended to give application
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2335 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button AN2335 Datasheet HTML 28Page - STMicroelectronics AN2335 Datasheet HTML 29Page - STMicroelectronics AN2335 Datasheet HTML 30Page - STMicroelectronics AN2335 Datasheet HTML 31Page - STMicroelectronics AN2335 Datasheet HTML 32Page - STMicroelectronics AN2335 Datasheet HTML 33Page - STMicroelectronics AN2335 Datasheet HTML 34Page - STMicroelectronics AN2335 Datasheet HTML 35Page - STMicroelectronics AN2335 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Application Information
AN2335
32/40
9.3
Understanding acceleration data
The measured acceleration data are sent into OUTX, OUTY and OUTZ registers. The
acceleration values are expressed as a 2’s complement number. When the full-scale is set
to 2g, each LSB corresponds to 18mg.
The table below provides few basic examples of the data that will be read in the data
registers when the device is subject to a given acceleration. The values listed in the table
are given under the hypothesis of perfect device calibration (i.e no offset, no gain error, ....)
and rounded to the closest integer.
Table 5.
Output Data Registers content vs. Acceleration
Acceleration Values
FS bit = 0
FS bit = 1
Output Register Content
0g
00h
00h
350mg
14h
05h
1g
38h
0Eh
2g
6Fh
1Ch
-350mg
ECh
FBh
-1g
C8h
F2h
-2g
91h
E4h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com