Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2649 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2649
Description  The electrical and thermal performances of switching converters are strongly
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2649 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2649 Datasheet HTML 3Page - STMicroelectronics AN2649 Datasheet HTML 4Page - STMicroelectronics AN2649 Datasheet HTML 5Page - STMicroelectronics AN2649 Datasheet HTML 6Page - STMicroelectronics AN2649 Datasheet HTML 7Page - STMicroelectronics AN2649 Datasheet HTML 8Page - STMicroelectronics AN2649 Datasheet HTML 9Page - STMicroelectronics AN2649 Datasheet HTML 10Page - STMicroelectronics AN2649 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AN2649
Booster diode
7/20
diode must conduct high peak level current. In this application at startup, the max peak
current in the diode is about 40 A, therefore, a bypass diode must be used, (1N5406
standard diode low cost), with a high IFSM value, because the SiC's IFSM value guaranteed
in the datasheet is 30 A.
Figure 1.
Current diode ID at startup
The other components have been designed with the criteria already described in other
application notes and their values are given in the schematic (Figure 2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com