Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2649 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2649
Description  The electrical and thermal performances of switching converters are strongly
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2649 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2649 Datasheet HTML 9Page - STMicroelectronics AN2649 Datasheet HTML 10Page - STMicroelectronics AN2649 Datasheet HTML 11Page - STMicroelectronics AN2649 Datasheet HTML 12Page - STMicroelectronics AN2649 Datasheet HTML 13Page - STMicroelectronics AN2649 Datasheet HTML 14Page - STMicroelectronics AN2649 Datasheet HTML 15Page - STMicroelectronics AN2649 Datasheet HTML 16Page - STMicroelectronics AN2649 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AN2649
Booster diode
13/20
Table 2 gives the energy losses at turn-on and turn-off versus Vin.
Figure 16.
Turn-off switch (with SiC diode) -
Vin = 88 Vac
Figure 17.
Turn-off switch (with SiC diode) -
Vin = 110 Vac
Figure 18.
Turn-off switch (with SiC diode) -
Vin = 220 Vac
Figure 19.
Turn-off switch (with SiC diode) -
Vin = 264 Vac
Table 2.
MOSFET energy losses using Si diode
Vin [Vac]
Eon [uJ]
Eoff [uJ]
88
37.3
4.7
110
26.7
4.6
220
12.82
5.1
264
13.77
5.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com