Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2649 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2649
Description  The electrical and thermal performances of switching converters are strongly
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2649 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2649 Datasheet HTML 5Page - STMicroelectronics AN2649 Datasheet HTML 6Page - STMicroelectronics AN2649 Datasheet HTML 7Page - STMicroelectronics AN2649 Datasheet HTML 8Page - STMicroelectronics AN2649 Datasheet HTML 9Page - STMicroelectronics AN2649 Datasheet HTML 10Page - STMicroelectronics AN2649 Datasheet HTML 11Page - STMicroelectronics AN2649 Datasheet HTML 12Page - STMicroelectronics AN2649 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AN2649
Booster diode
9/20
In Figure 3 a switching cycle of the MOSFET device is reported, while in Figure 4, 5, 6, 7
and Figure 8, 9, 10 and 11 are showed the turn-on and the turn-off MOS waveform for
several input voltage and in full load condition (400 V/ 0.5 A).
Figure 3.
Switching cycle waveforms for MOSFET
In the Table 1 are reported the energy loss at turn-on and turn-off versus Vin.
We observe that the value of switching losses in the worst case (Vin=88 Vac) is very close
with the value estimated in the design procedure equal to the sum of (Equation 3) and
(Equation 4):
Equation 10
Table 1.
MOSFET energy losses using SiC diode
Vin [Vac]
Eon [uJ]
Eoff [uJ]
88
14.1
6.3
110
12
6
220
9
6
264
9
5.9
P
SW
Eon
Eoff
+
() fsw
14.1
6.3
+
()uJ 100kHz 2.04 W
=
⋅
=
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com