Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2649 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2649
Description  The electrical and thermal performances of switching converters are strongly
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2649 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2649 Datasheet HTML 1Page - STMicroelectronics AN2649 Datasheet HTML 2Page - STMicroelectronics AN2649 Datasheet HTML 3Page - STMicroelectronics AN2649 Datasheet HTML 4Page - STMicroelectronics AN2649 Datasheet HTML 5Page - STMicroelectronics AN2649 Datasheet HTML 6Page - STMicroelectronics AN2649 Datasheet HTML 7Page - STMicroelectronics AN2649 Datasheet HTML 8Page - STMicroelectronics AN2649 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
AN2649
List of figures
3/20
List of figures
Figure 1.
Current diode ID at startup . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
Figure 2.
200 W evaluation board circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
Figure 3.
Switching cycle waveforms for MOSFET . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Figure 4.
Turn-on switch (with SiC diode) - Vin = 88 Vac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 5.
Turn-on switch (with SiC diode) - Vin = 110 Vac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 6.
Turn-on switch (with SiC diode) - Vin = 220 Vac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 7.
Turn-on switch (with SiC diode) - Vin = 264 Vac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Figure 8.
Turn-off switch (with SiC diode) - Vin = 88 Vac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 9.
Turn-off switch (with SiC diode) - Vin = 110 Vac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 10.
Turn-off switch (with SiC diode) - Vin = 220 Vac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 11.
Turn-off switch (with SiC diode) - Vin = 264 Vac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Figure 12.
Turn-on switch (with Si diode) - Vin = 88 Vac. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 13.
Turn-on switch (with Si diode) - Vin = 110 Vac. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 14.
Turn-on switch (with Si diode) - Vin = 220 Vac. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 15.
Turn-on switch (with Si diode) - Vin = 264 Vac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Figure 16.
Turn-off switch (with SiC diode) - Vin = 88 Vac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 17.
Turn-off switch (with SiC diode) - Vin = 110 Vac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 18.
Turn-off switch (with SiC diode) - Vin = 220 Vac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 19.
Turn-off switch (with SiC diode) - Vin = 264 Vac . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Figure 20.
Turn-off switch (with Si diode) - Vin = 88 Vac. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 21.
Turn-off switch (with Si diode) - Vin = 110 Vac. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 22.
Turn-off switch (with Si diode) - Vin = 220 Vac. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 23.
Turn-off switch (with Si diode) - Vin = 264 Vac. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Figure 24.
Turn-on switch comparison (Vin = 88 Vac) - Si diode. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 25.
Turn-on switch comparison (Vin = 88 Vac) - SiC diode . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Figure 26.
Efficiency curve comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 27.
Thermal maps comparison - Si diode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 28.
Thermal maps comparison - SiC diode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com