Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2649 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2649
Description  The electrical and thermal performances of switching converters are strongly
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2649 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2649 Datasheet HTML 1Page - STMicroelectronics AN2649 Datasheet HTML 2Page - STMicroelectronics AN2649 Datasheet HTML 3Page - STMicroelectronics AN2649 Datasheet HTML 4Page - STMicroelectronics AN2649 Datasheet HTML 5Page - STMicroelectronics AN2649 Datasheet HTML 6Page - STMicroelectronics AN2649 Datasheet HTML 7Page - STMicroelectronics AN2649 Datasheet HTML 8Page - STMicroelectronics AN2649 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AN2649
Power MOSFET
5/20
2
Power MOSFET
Since the MOSFET device has to sustain a minimum blocking voltage value of 500 V
(VDSS = Vout + VOUT - ripple + Vout), then the most important parameter for the selection is
the RDS(on) for its relation with the power dissipation.
The device STP12NM50N with its 500 V BVDSS and the RDS(on) (RDS(on)max = 0.38 at
T= 25 °C), is the best choice for the application. The losses at turn-on depend on the
selected boost diode and on the choice of the RG chosen to reduce the di/dt and therefore
the levels of EMI of the converter. As described in AN628 (please refer to 2) a gate
resistance of 15
Ω has been selected for turn-on, while a diode is used for a fast turn-off.
●
The maximum "on state" power dissipation evaluated at the minimum input mains
voltage is:
Equation 1
●
The switching (on + off) losses can be estimated as:
Equation 2
where, Pcrossover are the switching losses due to the crossover time of the power MOSFET
while PREC is the contribution due to the diode recovery.
In general PREC depends on the di/dt value of the current MOSFET at turn-on (and this
depends on the RG value selected and the intrinsic capacitance of the MOSFET) because
this di/dt sets the value of IRM on the boost diode recovery current. To take into account the
boost diode recovery effect, for the silicon diode, an easy approach is to compute two times
the current value (at turn-on). This means that PSW is 1.5 times the Pcrossover value, (see
AN628), but for the SiC diode we can suppose (thanks to superior switching performances)
that the PREC value is negligible.
Equation 3
The capacitive losses at turn-on to be added are:
Equation 4
where Coss is the drain capacitance at VDS= 25 V.
To reduce the switching losses at turn-off, a RCD snubber is used and in order to keep the
junction temperature at a safe level at worst case condition, low-line input voltage (88 V) and
full load (200 W), a small heatsink is used.
P
ON
MAX
–
I
2
Qrmsmax
R
on
max
–
2.15
()
2
0.38
1.76 W
=
⋅
=
⋅
=
P
SW
P
crossover
P
REC
t
cr
V
out
f
sw
I
rms
P
REC
+
⋅⋅
⋅
=
+
=
P
SW
15ns 400V 100kHz 2.15A
⋅⋅
⋅
() 1.3 W
=
=
P
capacitive
10
3
------ C
OSS
V
1.5
out
f
sw
10
3
------ 230pF
400
()
1.5
100kHz
0.6 W
=
⋅⋅
⋅
=
⋅⋅
⋅
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com