Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2649 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN2649
Description  The electrical and thermal performances of switching converters are strongly
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2649 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN2649 Datasheet HTML 10Page - STMicroelectronics AN2649 Datasheet HTML 11Page - STMicroelectronics AN2649 Datasheet HTML 12Page - STMicroelectronics AN2649 Datasheet HTML 13Page - STMicroelectronics AN2649 Datasheet HTML 14Page - STMicroelectronics AN2649 Datasheet HTML 15Page - STMicroelectronics AN2649 Datasheet HTML 16Page - STMicroelectronics AN2649 Datasheet HTML 17Page - STMicroelectronics AN2649 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
Booster diode
AN2649
14/20
The turn-on switching of the MOSFET is strongly influenced by the diode recovery so the
SiC diode leads to a reduction of the turn-on losses of the switch. The turn-on switching
waveforms for the silicon diode case highlight the current peak at turn-on as shown in
Figure 24. In Figure 25 this is evident as the SiC diode allows a strong reduction of the
current peak.
Figure 20.
Turn-off switch (with Si diode) -
Vin = 88 Vac
Figure 21.
Turn-off switch (with Si diode) -
Vin = 110 Vac
Figure 22.
Turn-off switch (with Si diode) -
Vin = 220 Vac
Figure 23.
Turn-off switch (with Si diode)
-
Vin = 264 Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com