Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0442 Datasheet(PDF) 14 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button UM0442 Datasheet HTML 10Page - STMicroelectronics UM0442 Datasheet HTML 11Page - STMicroelectronics UM0442 Datasheet HTML 12Page - STMicroelectronics UM0442 Datasheet HTML 13Page - STMicroelectronics UM0442 Datasheet HTML 14Page - STMicroelectronics UM0442 Datasheet HTML 15Page - STMicroelectronics UM0442 Datasheet HTML 16Page - STMicroelectronics UM0442 Datasheet HTML 17Page - STMicroelectronics UM0442 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Hardware configuration and functionality
UM0442
14/33
Figure 12.
The LIS3LV02DQ (on the left) and the STLM20 (on the right) packages
For the electrical connections refer to the schematics (see Figure 26 on page 26).
4.12
The ZigBee® connector
The ZigBee® connector is designed as two adjacent female connectors, each composed of
six pins. It is made to host the ZigBee® module based on SN260 and adapter in the
STR750-MAP.
This socket allows the access to the EZSP (Ember Zetanet Serial Protocol).
To localize the connector position inside the board, see the board architecture in Section 3:
List of features on page 5.
The socket description is defined as follows: Table 5 and Table 6 show the pin-out of the
connector (ZigBee® module interface connectors J8 and J9), while Table 7 illustrates pin
functionality.
By means of the ZigBee® connector, the EZSP may be accessed through the SPI protocol.
Table 5 and Table 6 show the connectors J8 and J9.
Table 5.
Connector J8 of the ZigBee® socket
Signal name
Pin no
VBRD
1
MOSI
2
MISO
3
SCLK
4
nSSEL
5
GND
6
Table 6.
Connector J9 of the ZigBee® socket
Signal name
Pin no
VBRD
1
HOST_INT
2
WAKE
3
RSTB
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com