Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0442 Datasheet(PDF) 31 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button UM0442 Datasheet HTML 25Page - STMicroelectronics UM0442 Datasheet HTML 26Page - STMicroelectronics UM0442 Datasheet HTML 27Page - STMicroelectronics UM0442 Datasheet HTML 28Page - STMicroelectronics UM0442 Datasheet HTML 29Page - STMicroelectronics UM0442 Datasheet HTML 30Page - STMicroelectronics UM0442 Datasheet HTML 31Page - STMicroelectronics UM0442 Datasheet HTML 32Page - STMicroelectronics UM0442 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
UM0442
List of jumpers and selectors
31/33
41
1
J7
20-pin male
connector
JTAG
connector
Tyco
609-2027
42
1
J11
34-pin male
connector
MC connector
Tyco
609-3427
43
2
P1, P2
DB9 male connector
CAN, UART
any
44
2
L2, L3
10
µH
180 mA
inductor
Epcos
RS code: 191-0122
45
1
L1
10
µH
1.4 A inductor
Wurth
7445510
46
4
JE1, JE2, JE3, JE4
header
26-pin (2x13),
standard male
2.54 mm
any
47
19
JP1,JP2,JP3,JP4,
JP5,JP6,JP8,JP10,
JP1,JP1,
JP13,JP14,JP15,
JP16,JP17,JP18,
JP19,J6,J13
header
2-pin standard
male 2.54 mm
any
48
2
J1, J12
header
2-pin male
connector
Tyco (AMP)
280370-1
49
1
JP7
header
4-pin male
connector
Tyco (AMP)
280371-1
50
1
JP9
header
8-pin (2x4),
standard male
2.54 mm
any
51
4
J2,J3,J4,J5
header
1-pin standard
male
any
52
2
J8, J9
header
2-pin standard
female
2.54 mm
any
53
1
J14
connector
Standard
power supply
connector
RS code: 286-8779
54
1
Y1
oscillator
32.768 KHz
oscillator
RS code: 547-6856
55
1
Y2
oscillator
4 MHz
oscillator
Fox Electronics
FOXSD/040
56
1
Y3
oscillator
48 MHz
Epson
SG8002CAPCB48MHZ
57
9
SW1,SW2,S1,S2,
S5,S6,S7,S8,S9
header
3-pin standard
male 2.54 mm
any
58
4
SW3,SW5,S3,S4
Push button
APEM Components
DTS61K
59
1
U1
STR750FV2T6
LQFP100
(14x14 mm)
STMicroelectronics
STR750FV2T6
60
1
U4
L9616D
SO-8
STMicroelectronics
L9616D
Table 12.
BOM (Bill Of Material) (continued)
ID
Qty
Part reference
Value
Device type
Manufacturer
Order code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com