Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0442 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM0442 Datasheet HTML 25Page - STMicroelectronics UM0442 Datasheet HTML 26Page - STMicroelectronics UM0442 Datasheet HTML 27Page - STMicroelectronics UM0442 Datasheet HTML 28Page - STMicroelectronics UM0442 Datasheet HTML 29Page - STMicroelectronics UM0442 Datasheet HTML 30Page - STMicroelectronics UM0442 Datasheet HTML 31Page - STMicroelectronics UM0442 Datasheet HTML 32Page - STMicroelectronics UM0442 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
UM0442
List of jumpers and selectors
29/33
Jumper
JP18
Battery
Li/Ion Battery pack
-
Male connector
J14
Power supply
9÷12 Vdc power supply
-
Jumper
J12
Battery pack
Connect battery to board
-
3-pin strip-line
S7
Battery
Recharge/supply switch
-
Jumper
JP14
Battery
Connect L6924 to source
-
3-pin strip-line
S8
Battery
Source switch USB/Power
-
3-pin strip-line
S9
Battery
On/Off Battery pack
-
Jumper
J13
Battery
Closed enable L6924
-
Jumper
J15
Motor control
To supply 3.3V to MC conn.
-
Jumper
JP8
Asynchronous reset
Reset AHB System each APB
peripheral
58 - 59
Table 11.
List of jumpers and selectors (continued)
Type
Name
Function
Description
STR750FV2 pins
Table 12.
BOM (Bill Of Material)
ID
Qty
Part reference
Value
Device type
Manufacturer
Order code
1
1
CN1
USB_miniB
Mini-USB
connector
Molex
54819-0578
214
C1,C2,C11,C13,
C19,C22,
C23,C24,
C25,C26,C27,C30,
C38,C47
100 nF
any
3
4
C3,C4,C5,C6
22 pF
any
410
C7,C14,C16,C17,
C20,C51,
C53,C55,C56,C18
10 nF
any
5
1
C8
33 nF
any
66
C10,C36,C50,C52,
C54,C57
10 µF
16 V - SMD
Tantalum
Capacitor
AVX
TPSB106K016R0800
75
C12,C15,C41,C43,
C45
1 µF
35 V - SMD
Tantalum
Capacitor
AVX
THJB105K035
8
1
C21
4.7 nF
any
9
3
C35,C39,C40
1 nF
any
10
1
C37
0.1 µF
any
11
2
C42,C44
47 µF
25 V - SMD
Tantalum
Capacitor
AVX
TPSD476K025R0250
12
1
C46
3.3 nF
any



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com