Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0442 Datasheet(PDF) 30 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button UM0442 Datasheet HTML 25Page - STMicroelectronics UM0442 Datasheet HTML 26Page - STMicroelectronics UM0442 Datasheet HTML 27Page - STMicroelectronics UM0442 Datasheet HTML 28Page - STMicroelectronics UM0442 Datasheet HTML 29Page - STMicroelectronics UM0442 Datasheet HTML 30Page - STMicroelectronics UM0442 Datasheet HTML 31Page - STMicroelectronics UM0442 Datasheet HTML 32Page - STMicroelectronics UM0442 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
List of jumpers and selectors
UM0442
30/33
13
2
C48, C49
220 µF
16 V - SMD
Tantalum
Capacitor
AVX
TPSV227K016R0075
14
3
D1,D2,D3
LED
SMD - blue
Avago
HSMN-C150
15
3
D4,D5,D6
LED
SMD – green
Avago
HSMG-C150
16
4
D10, D11,D12, D7
LED
SMD - red
Avago
HSMH-C150
17
2
D14,D16
LED
SMD - yellow
Avago
HSMY-C150
18
1
D13
diode
Philips
436-7341
19
4
R1,R2,R14,R49
4.7 k
Ω
any
20
7
R3,R4,R5,R6,R7,
R8,R70
330
Ω
any
21
12
R9,R13,R17,R19,
R21,R23,R31,R57,
R58,R60,R62,R64
1 k
Ω
any
22
2
R10,R12
100 k
Ω
any
23
1
R11
100
Ω
any
24
1
R30
10 k
Ω
Trimmer–
2.54 mm
Bourns
3386F1103T LF
25
13
R15,R24,R25,R26,
R27,R28,R29,R32,
R33,R34,R35,R37,
R40
10 k
Ω
any
26
2
R16, R39
1 M
Ω
any
27
3
R18,R50,R45
0
Ω
any
28
2
R36, R69
300
Ω
any
29
1
R38
120
Ω
any
30
2
R41, R42
22
Ω
any
31
1
R43
36
k
Ω
any
32
1
R44
1.5 k
Ω
any
33
1
R51
10
Ω
any
34
1
R52
20 k
Ω
Trimmer-
2.54 mm
Bourns
3296W 20k
35
2
R56, R67
3.3 k
Ω
any
36
2
R59, R65
470
Ω
any
37
1
R61
5.2 M
Ω
any
38
1
R63
3.3 M
Ω
any
39
1
R66
24 k
Ω
any
40
1
R68
200 k
Ω
any
Table 12.
BOM (Bill Of Material) (continued)
ID
Qty
Part reference
Value
Device type
Manufacturer
Order code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com