Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0442 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0442 Datasheet HTML 24Page - STMicroelectronics UM0442 Datasheet HTML 25Page - STMicroelectronics UM0442 Datasheet HTML 26Page - STMicroelectronics UM0442 Datasheet HTML 27Page - STMicroelectronics UM0442 Datasheet HTML 28Page - STMicroelectronics UM0442 Datasheet HTML 29Page - STMicroelectronics UM0442 Datasheet HTML 30Page - STMicroelectronics UM0442 Datasheet HTML 31Page - STMicroelectronics UM0442 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
List of jumpers and selectors
UM0442
28/33
6
List of jumpers and selectors
Table 11.
List of jumpers and selectors
Type
Name
Function
Description
STR750FV2 pins
3-pin strip-line
SW1
STR750FV2 boot
GND/3.3 V selector
27
3-pin strip-line
SW2
STR750FV2 boot
GND/3.3 V selector
4
3-pin strip-line
S1
I2C switch
MEMS/ext. SCL switch
30
3-pin strip-line
S2
I2C switch
MEMS/ext. SDA switch
29
4-pin slide
SW4
BSPI switch
EXT/ext. BSPI switch
76,77,78,79
Push button
SW5
STR750FV2 reset
Device reset from user
59
Push button
SW3
STR750FV2 wakeup
Wake up from user
60
Jumper
JP1
User LED
Connect user LED D1
94
Jumper
JP2
User LED
Connect user LED D2
68
Jumper
JP3
User LED
Connect user LED D3
8
Jumper
JP4
User LED
Connect user LED D4
28
Jumper
JP5
User LED
Connect user LED D5
11
Jumper
JP6
User LED
Connect user LED D6
15
Push button
S3
Push button
User push button
28
Push button
S4
Push button
User push button
88
Jumper
J6
JTAG
JTAG reset signal
59
10-pin strip-line
JP9
External ADC
Enable the selected channel
1,93,92,26
Potentiometer
R30
Potentiometer
Pot. on ADC channel 12
34
1pin connector
TP1
Test point
Ground point
-
1pin connector
TP2
Test point
Ground point
-
1pin connector
TP3
Test point
3.3 V point
-
1pin connector
TP4
Test point
3.3 V point
-
Jumper
JP10
CAN
Connect L9616 Rx line
64
Jumper
JP11
CAN
Connect L9616 Tx line
63
Jumper
JP12
Termination
R38 to close the line
-
3-pin strip-line
S5
ASC pin select
Choose 250 kbps/1 Mbps
-
Jumper
JP13
UART1
NULL Modem/RTS
-
3-pin strip-line
S6
UART1
NULL Modem/RTS
-
Jumper
JP19
UART1
CTS/EXT pin sharing
15
Jumper
JP15
Power
Connect standard supply
-
Jumper
JP16
USB
Connect USB as supply
-
Jumper
JP17
EXT
Connect EXT as supply
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com