Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0442 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0442
Description  Multiple application platform based on STR750FV2
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0442 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0442 Datasheet HTML 25Page - STMicroelectronics UM0442 Datasheet HTML 26Page - STMicroelectronics UM0442 Datasheet HTML 27Page - STMicroelectronics UM0442 Datasheet HTML 28Page - STMicroelectronics UM0442 Datasheet HTML 29Page - STMicroelectronics UM0442 Datasheet HTML 30Page - STMicroelectronics UM0442 Datasheet HTML 31Page - STMicroelectronics UM0442 Datasheet HTML 32Page - STMicroelectronics UM0442 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 32 / 33 page
background image
Revision history
UM0442
32/33
7
Revision history
61
1
U5
STLM20DD9F
UDFN 4
STMicroelectronics
STLM20DD9F
62
1
U6
STM1061N27WX6F
SOT23-3
STMicroelectronics
STM1061N27WX6F
63
1
U7
L6924D
VFQFPN16
STMicroelectronics
L6924D
64
1
IC1
STM1001TWX6F
SOT23-3
STMicroelectronics
STM1001TWX6F
65
1
IC2
USBLC6-2P6
SOT-666
STMicroelectronics
USBLC6-2P6
66
1
IC3
ST202ECD
SOP-16
STMicroelectronics
ST202ECD
67
1
U9
L6920D
TSSOP8
STMicroelectronics
L6920D
68
1
U8
STS10PF30L
SO-8
STMicroelectronics
STS10PF30L
69
1
U10
L7805ABD2T-TR
D2PAK
STMicroelectronics
L7805ABD2T-TR
70
1
U11
LD1085D2M33R
D2PAK/A
STMicroelectronics
LD1085D2M33R
71
1
U13
LIS3LV02DQ
QFPN-28
STMicroelectronics
LIS3LV02DQ
72
1
Q1
BC846AL
(MMBT2222)
any
73
1
U12
header
20-pin
standard
female
2.54 mm
Table 12.
BOM (Bill Of Material) (continued)
ID
Qty
Part reference
Value
Device type
Manufacturer
Order code
Table 13.
Revision history
Date
Revision
Changes
30-Aug-2007
1
First issue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com