Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2870 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 9Page - STMicroelectronics AN2870 Datasheet HTML 10Page - STMicroelectronics AN2870 Datasheet HTML 11Page - STMicroelectronics AN2870 Datasheet HTML 12Page - STMicroelectronics AN2870 Datasheet HTML 13Page - STMicroelectronics AN2870 Datasheet HTML 14Page - STMicroelectronics AN2870 Datasheet HTML 15Page - STMicroelectronics AN2870 Datasheet HTML 16Page - STMicroelectronics AN2870 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
AN2870
Device blocks description
13/41
3.3
Ballast controller section
3.3.1
Oscillator and timer
The half bridge driver oscillation is regulated by a current controlled oscillator (CCO): it
needs a capacitor connected to OSC pin (pin 1) and uses the current flowing outside RF pin
(pin 2) as reference.
The RF pin has a 2 V precise voltage reference that let the designer fix the run mode
frequency simply connecting a resistor between RF pin and GND (Rrun).
The EOI pin (pin 3) is driven by the internal logic in order to set the frequency during the
preheating and to control the lamp current during an over-current event in the half bridge.
Preheating frequency is set by the parallel of Rrun and a resistor (Rpre) placed between RF
and EOI: in fact during the preheating the EOI pin is pulled to GND.
TCH pin is connected to the parallel of a resistor (RD) and a capacitor (CD) and is used in
order to define the preheating time and the protection time; its cycle (Tch cycle) is
composed by the following steps:
1.
A 31
μA current generator charges the C
D causing TCH voltage to rise linearly,
2.
When TCH voltage reaches 4.63 V, the TCH pin is left in high impedance status and CD
is discharged by RD,
3.
When TCH voltage reaches 1.5 V the cycle finishes and an internal resistor pulls down
the TCH pin to GND.
Figure 7.
Oscillator and starting sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com