Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2870 Datasheet(PDF) 35 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 31Page - STMicroelectronics AN2870 Datasheet HTML 32Page - STMicroelectronics AN2870 Datasheet HTML 33Page - STMicroelectronics AN2870 Datasheet HTML 34Page - STMicroelectronics AN2870 Datasheet HTML 35Page - STMicroelectronics AN2870 Datasheet HTML 36Page - STMicroelectronics AN2870 Datasheet HTML 37Page - STMicroelectronics AN2870 Datasheet HTML 38Page - STMicroelectronics AN2870 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 41 page
background image
AN2870
Designing with L6585DE
35/41
Figure 18.
EOL - Cblock to ground
Lamp to GND configuration:
In case of lamp to ground configuration the fix reference mode is suggested.
In order to set this mode a resistor placed between EOLP and GND is needed: its value has
to be chosen as follows:
●
75 k
Ω < R
eolp < 91kΩ → window amplitude = 240 mV
●
620 k
Ω < R
eolp → window amplitude = 720 mV
The EOL pin biasing proceeds as follows:
A voltage shift is needed in order to detect a null value with a positive referenced
comparator: two Zener diodes are requested.
The current capability of EOL pin is equal to 5.5 µA, therefore the minimum Zener voltage
that guarantees accuracy of the measurement is 8 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com