Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2870 Datasheet(PDF) 37 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 33Page - STMicroelectronics AN2870 Datasheet HTML 34Page - STMicroelectronics AN2870 Datasheet HTML 35Page - STMicroelectronics AN2870 Datasheet HTML 36Page - STMicroelectronics AN2870 Datasheet HTML 37Page - STMicroelectronics AN2870 Datasheet HTML 38Page - STMicroelectronics AN2870 Datasheet HTML 39Page - STMicroelectronics AN2870 Datasheet HTML 40Page - STMicroelectronics AN2870 Datasheet HTML 41Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 37 / 41 page
background image
AN2870
Designing with L6585DE
37/41
The maximum deviation of the mean voltage of the lamp, Vlamp,EOL, depends on the lamp
type (e.g. is 15 V for T5-54W lamp).
The following relation can be used to calculate the correct value of the divider's resistors
(REhi and RElo)
Equation 56
The value of filtering capacitor should be calculated in order to have a cutoff frequency
equal to at least one hundreds of run frequency.
IC power supply design
L6585DE can be supplied by means of either external source, auxiliary winding on PFC
choke or charge pump connected to the middle point of half bridge. The most used method
is the charge pump connected to the middle point of the half bridge.
The charge pump must be able to deliver the correct current to the IC. ICC depends on both
half bridge and PFC driver switching activities. Typical values of ICC are reported on
Figure 20
.
The current is delivered by the capacitor during the edges of the middle point of the half
bridge. The slope of these edges is also related to the recovery time of the body diode of the
MOSFETs and to the capacitor itself. Assuming a linear slope the instantaneous current
delivered by the capacitor will be:
Equation 57
Equation 58
The diode connected to ground is a Zener diode (15 V is the suggested value): it limits the
voltage across the Vcc pin avoiding an extra stress of the internal active clamp. In order to
limit the current flowing into this diode, when it is directly biased, a low value resistor is
placed in series with the capacitor.
A bigger capacitor (>1 µF) and a 100 nF ceramic capacitor placed near the IC are needed to
filter the Vcc voltage.
At start up the current is sunk from rectified mains and delivered to the IC through a resistor
path. This resistor is chosen in order to guarantee the minimum quiescent current required
by L6585DE (370 µA). Its value influences also the start-up time because it had to charge
the electrolytic capacitor connected to Vcc.
(
)
A
5
.
5
R
R
R
R
V
V
V
I
I
R
V
V
Ehi
Elo
Ehi
Ehi
EOL
,
lamp
EOL
,
lamp
max
K
EOL
RElo
Ehi
EOL
,
lamp
max
K
μ
⋅
−
+
⋅
−
=
+
⋅
−
=
rise
OUT
cp
pk
,
cp
T
V
C
I
=
cc
run
rise
pk
,
cp
cp
I
f
T
I
I
≥
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com