Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2870 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 18Page - STMicroelectronics AN2870 Datasheet HTML 19Page - STMicroelectronics AN2870 Datasheet HTML 20Page - STMicroelectronics AN2870 Datasheet HTML 21Page - STMicroelectronics AN2870 Datasheet HTML 22Page - STMicroelectronics AN2870 Datasheet HTML 23Page - STMicroelectronics AN2870 Datasheet HTML 24Page - STMicroelectronics AN2870 Datasheet HTML 25Page - STMicroelectronics AN2870 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Designing with L6585DE
AN2870
22/41
The number of turns and the length of the gap can be calculated as follows (L in uH, Bmax
in tesla, Ae in square millimeters and
μ
0=4π*10
-7):
Equation 7
Wire section is selected in order to fit the winding window of the coil former (preferred if
slotted).
In order to evaluate the actual copper losses the DC resistance of the winding must be
multiplied by a factor that depends on skin effect. Using a wire composed by multiple
conductors reduces this factor.
The copper losses can be evaluated as:
Equation 8
Ferrite losses can be checked on ferrite manufacturer catalogs.
ZCD auxiliary winding must be able to develop the triggering pulse for ZCD pin
(Varm = 1.4 V). The voltage across the auxiliary winding will be:
Equation 9
The current flowing in ZCD pin must be limited by means of a resistor connected between
auxiliary winding and ZCD pin. Although the maximum ZCD pin current is around 5 mA, a
smaller value should be chosen in order to limit power dissipation and increase the
application reliability.
Equation 10
L
A
N
2
l
N
L
A
A
B
L
I
N
e
2
0
gap
2
L
e
max
max
μ
×
=
→
⎪
⎪
⎭
⎪⎪
⎬
⎫
=
=
HF
,
wire
2
RMS
,
L
,
L
R
I
P
⋅
=
Ω
(
)
V
4
.
1
m
V
2
V
V
in
out
zcd
,
aux
⋅
>
⋅
−
=
ZCD
max
,
in
ZCD
I
m
V
2
R
⋅
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com