Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2870 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 24Page - STMicroelectronics AN2870 Datasheet HTML 25Page - STMicroelectronics AN2870 Datasheet HTML 26Page - STMicroelectronics AN2870 Datasheet HTML 27Page - STMicroelectronics AN2870 Datasheet HTML 28Page - STMicroelectronics AN2870 Datasheet HTML 29Page - STMicroelectronics AN2870 Datasheet HTML 30Page - STMicroelectronics AN2870 Datasheet HTML 31Page - STMicroelectronics AN2870 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 41 page
background image
Designing with L6585DE
AN2870
28/41
The mean value of the PFC frequency is calculated accordingly with Eq.13.
This capacitor may worsen the overall performance of the PFC stage: in fact the energy
stored in it may not be transferred to inductor when the input voltage is near zero. This is the
main reason of the introduction of the THD optimizer.
Other input circuitry
The EMI behavior of the circuit needs to be improved with a suitable EMI filter, a fuse with
inrush limiter can be introduced for improved reliability against burst and surge events and
finally also a surge suppressor (varistor) can be needed.
4.2
Ballast stage design
Resonant network and operating point design
The values of resonant inductor and resonant capacitor and the operating frequencies are
chosen in order to:
a)
Supply the lamp with correct voltage and current during run mode
b)
Maintain lamp voltage lower than Vpre during preheating mode
c)
Develop a suitable high voltage across the lamp during the ignition
The resonant network when the lamp is off has a very high Q factor and the resonant
frequency is very close to the ideal resonant frequency of an LC resonator.
The relationship between lamp voltage and frequency can be easily found using the Fourier
transform and considering the fundamental harmonic of the square wave generated by the
half bridge.
Input voltage will be:
Equation 29
Useful parameters are resonant frequency f0, characteristic impedance Z0 and Q factor:
Equation 30
Where Vrun and Irun are respectively the lamp voltage and lamp current.
The suitable frequencies to obtain the desired operating parameters can be calculated as
follows:
out
pk
,
bal
V
2
V
π
=
⎪
⎪
⎪
⎪
⎩
⎪
⎪
⎪
⎪
⎨
⎧
=
=
=
π
=
0
run
run
0
lamp
res
res
0
res
res
0
Z
I
V
Z
R
Q
C
L
Z
C
L
2
1
f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com