Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2870 Datasheet(PDF) 31 Page - STMicroelectronics

Part # AN2870
Description  L6585DE combo IC
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2870 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button AN2870 Datasheet HTML 27Page - STMicroelectronics AN2870 Datasheet HTML 28Page - STMicroelectronics AN2870 Datasheet HTML 29Page - STMicroelectronics AN2870 Datasheet HTML 30Page - STMicroelectronics AN2870 Datasheet HTML 31Page - STMicroelectronics AN2870 Datasheet HTML 32Page - STMicroelectronics AN2870 Datasheet HTML 33Page - STMicroelectronics AN2870 Datasheet HTML 34Page - STMicroelectronics AN2870 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
AN2870
Designing with L6585DE
31/41
Equation 38
And the power rating to:
Equation 39
The real maximum inductor current and lamp voltage can be calculated considering the
maximum threshold value and the tolerances related with value of Rhbcs and Lres.
The design of the inductor proceeds as indicated in Eq 7.
The resonance capacitor is preferably a metallized polyester film capacitor. Blocking
capacitor is around ten times the resonant one: a value greater or equal to 100 nF for the
polyester capacitor is usually chosen.
Parameters setting
In order to fix the run frequency and the preheating frequency, the following curves can be
used. Each curve is related with a particular capacitor value, therefore a capacitor value
must be firstly chosen. The resistances corresponding Frun and Fpre can be graphically
found and are respectively Rrun and the parallel between Rrun and Rpre.
Figure 16.
Oscillator characteristic curves
2
I
I
pk
,
lamp
RMS
,
hbcs
≈
2
hbcs
hbcs
RMS
,
hbcs
I
R
P
⋅
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com