Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0582 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0582
Description  STEVAL-TLL005V1 power flash demonstration board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0582 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0582 Datasheet HTML 7Page - STMicroelectronics UM0582 Datasheet HTML 8Page - STMicroelectronics UM0582 Datasheet HTML 9Page - STMicroelectronics UM0582 Datasheet HTML 10Page - STMicroelectronics UM0582 Datasheet HTML 11Page - STMicroelectronics UM0582 Datasheet HTML 12Page - STMicroelectronics UM0582 Datasheet HTML 13Page - STMicroelectronics UM0582 Datasheet HTML 14Page - STMicroelectronics UM0582 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
UM0582
Operation of the STEVAL-TLL005V1 demonstration board
Doc ID 14969 Rev 1
11/24
3.1.3
Management of flash mode, torch mode and auxiliary LED mode in the
Packet_creator GUI
The Packet_creator GUI can demonstrate all the glow features of the STCF03. The different
modes demonstrated are:
●
Flash mode - Perform the following steps to run flash mode:
–
Insert the flash command by pressing the "add/insert flash" button on the GUI.
Flash time and flash current should be configured beforehand.
–
Set the trigger pin to high by pressing the "Add/Insert Set TRIG HIGH" button on
the GUI.
–
Insert the flash delay by pressing the "Add/Insert Wait time" button on the GUI.
The delay is configured by typing a value in the wait time edit window. The time
unit is milliseconds.
–
Set the trigger pin to low to switch off the flash by pressing the "Add/Insert Set
TRIG LOW" button on the GUI.
–
After the sequence is complete, press the "Run sequence" button on the GUI.
Flash mode can be observed by setting the trigger high and low a multiple number of times.
Refer to the DEMO 2.seq example for flash mode. Figure 9 shows the commands
necessary to achieve 3 flashes of 50 ms each with a 150 ms delay between each flash, and
a pause of 1 second after each 3rd flash.
Figure 9.
Commands showing the flash



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com