Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0582 Datasheet(PDF) 18 Page - STMicroelectronics

Part # UM0582
Description  STEVAL-TLL005V1 power flash demonstration board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0582 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button UM0582 Datasheet HTML 14Page - STMicroelectronics UM0582 Datasheet HTML 15Page - STMicroelectronics UM0582 Datasheet HTML 16Page - STMicroelectronics UM0582 Datasheet HTML 17Page - STMicroelectronics UM0582 Datasheet HTML 18Page - STMicroelectronics UM0582 Datasheet HTML 19Page - STMicroelectronics UM0582 Datasheet HTML 20Page - STMicroelectronics UM0582 Datasheet HTML 21Page - STMicroelectronics UM0582 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Operation of the STEVAL-TLL005V1 demonstration board
UM0582
18/24
Doc ID 14969 Rev 1
Figure 19.
Error message for command number in programming the switches
3.2.2
Running in standalone mode
●
Program the switches as described in Section 3.2.1.
●
Disconnect the board from the GUI.
●
Connect power to the board either through an external supply or using batteries.
●
Press the buttons and observe the glow sequence on the daughterboard.
3.3
Battery charging
This system is tested with a Nokia BL-5B Li-Ion battery. There is a USB battery charger
present on the board, so when the board is connected to a computer through a USB cable,
the battery begins charging automatically. During battery charging, both the D1 and D2
LEDs are on. When charging is complete, the D1 LED goes off.
Batteries should be connected to header H5, ensuring that the batteries are installed
observing the correct polarity of the positive and negative terminals (Figure 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com