Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0582 Datasheet(PDF) 22 Page - STMicroelectronics

Part # UM0582
Description  STEVAL-TLL005V1 power flash demonstration board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0582 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button UM0582 Datasheet HTML 16Page - STMicroelectronics UM0582 Datasheet HTML 17Page - STMicroelectronics UM0582 Datasheet HTML 18Page - STMicroelectronics UM0582 Datasheet HTML 19Page - STMicroelectronics UM0582 Datasheet HTML 20Page - STMicroelectronics UM0582 Datasheet HTML 21Page - STMicroelectronics UM0582 Datasheet HTML 22Page - STMicroelectronics UM0582 Datasheet HTML 23Page - STMicroelectronics UM0582 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
Bill of material
UM0582
22/24
Doc ID 14969 Rev 1
32
1
J3
3 Pin berg strip
Berg strip
Berg strip
33
1
H2
6 Pin berg strip
Berg strip
Berg strip
34
1
H3
2 Pin berg strip
Berg strip
Berg strip
35
3
S1,S2,SW1
Pushbutton switch
4 pin pushbutton switch
Pushbutton switch
36
1
H1
2 x 5 box header
Box header
ICC connector
37
1
L1
10 µH
Axial
Through hole inductor
38
4
D1,D2,D3,D4
RED LED
805
SMD LED
39
1
P1
PIR sensor
3 pin connector
Not mounted
Table 1.
STEVAL-TLL005V1 demonstration board bill of material (continued)
Item
Qty
Designator
Part type
Footprint
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com