Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0582 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0582
Description  STEVAL-TLL005V1 power flash demonstration board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0582 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0582 Datasheet HTML 16Page - STMicroelectronics UM0582 Datasheet HTML 17Page - STMicroelectronics UM0582 Datasheet HTML 18Page - STMicroelectronics UM0582 Datasheet HTML 19Page - STMicroelectronics UM0582 Datasheet HTML 20Page - STMicroelectronics UM0582 Datasheet HTML 21Page - STMicroelectronics UM0582 Datasheet HTML 22Page - STMicroelectronics UM0582 Datasheet HTML 23Page - STMicroelectronics UM0582 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
UM0582
Bill of material
Doc ID 14969 Rev 1
21/24
Appendix B
Bill of material
Table 1.
STEVAL-TLL005V1 demonstration board bill of material
Item
Qty
Designator
Part type
Footprint
Description
1
1
U1
ST72F651AR6T1E
TQFP64
Microcontroller
2
1
U2
L6920D
TSSOP8
Step-up converter
3
1
U3
STBC08PMR
DFN6
Battery charger
4
1
U4
M24C02-WMN
S08
EEPROM
5
1
U5
ST2329QTR
QFN10
Voltage translator
6
1
Q1
2STR2215
SOT-23
PNP transistor
7
2
R1,R2
100 k
Ω
805
Resistor
8
2
R14,R15
200 k
Ω
805
Resistor
9
1
R21
500 k
Ω
805
Resistor
10
1
R18
1 k
Ω
805
Resistor
11
1
R5
1.5 k
Ω
805
Resistor
12
4
R3,R4,R23,R24
4.7 k
Ω
805
Resistor
13
1
R19
5 k
Ω
805
Resistor
14
7
R6,R7,R8,R9,
R11,R20,R22
10 k
Ω
805
Resistor
15
1
R17
12 k
Ω
805
Resistor
16
1
R16
16 k
Ω
805
Resistor
17
1
R10
18 k
Ω
805
Resistor
18
1
R12
33 k
Ω
805
Resistor
19
1
R13
200 k
Ω
805
Resistor
20
1
C17
0.1 µF
805
Capacitor
21
1
C15
1 µF
805
Capacitor
22
3
C11,C12,C16
4.7 µF
805
Capacitor
23
1
C3
10 nf
805
Capacitor
24
1
C5
10 µF
805
Capacitor
25
2
C1,C2
33 pf
805
Capacitor
26
1
C4
47 nf
805
Capacitor
27
2
C13,C14
47 uF/16 V
C1206
Capacitor
28
4
C6,C7,C8,C9
100 nF
805
Capacitor
29
1
C10
200 nf
805
Capacitor
30
1
XT1
12 Mhz
Crystal
Crystal
31
3
H4,H5,J3
2 Pin berg strip
Berg strip
Berg strip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com