Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0582 Datasheet(PDF) 17 Page - STMicroelectronics

Part # UM0582
Description  STEVAL-TLL005V1 power flash demonstration board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0582 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button UM0582 Datasheet HTML 13Page - STMicroelectronics UM0582 Datasheet HTML 14Page - STMicroelectronics UM0582 Datasheet HTML 15Page - STMicroelectronics UM0582 Datasheet HTML 16Page - STMicroelectronics UM0582 Datasheet HTML 17Page - STMicroelectronics UM0582 Datasheet HTML 18Page - STMicroelectronics UM0582 Datasheet HTML 19Page - STMicroelectronics UM0582 Datasheet HTML 20Page - STMicroelectronics UM0582 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
UM0582
Operation of the STEVAL-TLL005V1 demonstration board
Doc ID 14969 Rev 1
17/24
●
Register read mode
The status register value can be read at any time by pressing the "Read status register"
button. The status register value is also read automatically by the MCU on every falling
edge on the ATN pin. The value read is automatically sent to the PC. If the STCF03 is in
shutdown mode, the value read is always 0. All register values can be read by pressing
the "Read all registers" button.
Note:
To use both data packet creator and register controller at the same time, press the "Close
connection" button before switching to the other application.
3.2
Standalone mode
There are 2 buttons on the motherboard, S1 and S2, which can be used to run the
demonstration board in standalone mode. In this case the user need not connect the board
to the GUI for running the application (however, the functionality desired when the switches
are pressed must be configured through GUI the first time).
3.2.1
Configuring the switches (S1 and S2)
Follow the below steps below to configure the switches:
●
Connect the board to the Packet_creator GUI (refer to Section 3.1.1).
●
Enter the required sequence in the command sequence area.
●
Press the "Programme switch 1" button to configure switch 1 and "Programme switch
2" button to configure switch 2 with the functionality given in the command sequence
area.
●
Similarly, the sequence can be programmed for PIR functionality by pressing the
"Programme PIR" button.
●
At this point, all the switches are configured and pressing any switch on the board
performs the programmed sequence.
Note:
The number of commands that can be entered when programming the switches is limited to
25. Entering more than 25 commands in the command sequence produces an error
message on the GUI (see Figure 20).
A PIR sensor is not mounted on the board. If a PIR sensor is installed, the jumper J3 must
be set to enable PIR. With a PIR sensor installed and the J3 jumper correctly set, any
motion detected by the PIR results in execution of the sequence programmed for the
"Programme PIR" button.
Figure 18.
Auxiliary LED configuration in the register controller GUI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com