Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0582 Datasheet(PDF) 12 Page - STMicroelectronics

Part # UM0582
Description  STEVAL-TLL005V1 power flash demonstration board
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0582 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button UM0582 Datasheet HTML 8Page - STMicroelectronics UM0582 Datasheet HTML 9Page - STMicroelectronics UM0582 Datasheet HTML 10Page - STMicroelectronics UM0582 Datasheet HTML 11Page - STMicroelectronics UM0582 Datasheet HTML 12Page - STMicroelectronics UM0582 Datasheet HTML 13Page - STMicroelectronics UM0582 Datasheet HTML 14Page - STMicroelectronics UM0582 Datasheet HTML 15Page - STMicroelectronics UM0582 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Operation of the STEVAL-TLL005V1 demonstration board
UM0582
12/24
Doc ID 14969 Rev 1
●
Torch mode - to observe this mode, perform the following steps:
–
Configure the torch mode current by moving the slider in the torch area of the GUI
(refer to Figure 10).
–
Insert the torch mode command by pressing the "Add/Insert torch" button on the
GUI.
–
Press the "Run sequence" button on the GUI to see the torch LED on the board
turn on.
–
This torch lasts for 2 seconds, then goes off automatically.
–
To abort the torch before the process is complete, press the "STOP" button on
GUI.
●
Auxiliary LED mode - the functionality of the red auxiliary LED on the daughterboard
can be configured through the GUI. The steps required to observe the auxiliary LED
mode of the STCF03 are as follows:
1.
Configure the auxiliary LED time and current through the GUI (current and time should
not be zero). See Figure 11.
2.
Insert the auxiliary LED command by pressing the "Add/Insert AUX LED" button on the
GUI.
3.
Press the "Run sequence" button on the GUI to observe the auxiliary LED on the
board. The glow duration of the LED is equal to the time configured using the time
slider in the "AUX LED" section.
Figure 10.
Slider to configure torch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com