Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4358 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4358
Description  5A Ideal Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4358 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4358 Datasheet HTML 3Page - Linear Technology LTC4358 Datasheet HTML 4Page - Linear Technology LTC4358 Datasheet HTML 5Page - Linear Technology LTC4358 Datasheet HTML 6Page - Linear Technology LTC4358 Datasheet HTML 7Page - Linear Technology LTC4358 Datasheet HTML 8Page - Linear Technology LTC4358 Datasheet HTML 9Page - Linear Technology LTC4358 Datasheet HTML 10Page - Linear Technology LTC4358 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC4358
7
4358fa
APPLICATIONS INFORMATION
ORing Two Supply Outputs
Where LTC4358s are used to combine the outputs of two
supplies, the power supply with the highest output voltage
sources most or all of the current. If this supply’s output
is quickly shorted to ground while delivering load current,
the current temporarily reverses and flows backwards
through the LTC4358. When reverse current flows the
LTC4358 ideal diode is quickly turned off.
If the other initially lower supply was not delivering load
current at the time of the fault, the output falls until the
LTC4358 body diode conducts. Meanwhile, the internal
amplifier turns on the MOSFET until the forward drop is
reduced to 25mV. If instead this supply was delivering
load current at the time of the fault, its ORing MOSFET
was already driven at least partially on, and will be driven
harder in an effort to maintain a drop of 25mV.
Load Sharing
Figure 1 combines the outputs of multiple, redundant
supplies using a simple technique known as droop sharing.
Load current is first taken from the highest output, with the
low outputs contributing as the output voltage falls under
increased loading. The 25mV regulation technique ensures
smooth load sharing between outputs without oscillation.
The degree of sharing depends on the 20mΩ resistance
of the LTC4358 internal MOSFET, the output impedance
of the supplies and their initial output voltages.
LTC4358
GND
IN
PS1
DRAIN
VDD
OUT
RTNA
VINA = 12V
12V BUS
LTC4358
GND
IN
DRAIN
VDD
OUT
PS2
RTNB
VINB = 12V
PS3
RTNC
VINC = 12V
4358 F01
LTC4358
GND
IN
DRAIN
VDD
OUT
Figure 1. Droop Sharing Redundant Supplies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com