Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4358 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4358
Description  5A Ideal Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4358 Datasheet(HTML) 3 Page - Linear Technology

  LTC4358 Datasheet HTML 1Page - Linear Technology LTC4358 Datasheet HTML 2Page - Linear Technology LTC4358 Datasheet HTML 3Page - Linear Technology LTC4358 Datasheet HTML 4Page - Linear Technology LTC4358 Datasheet HTML 5Page - Linear Technology LTC4358 Datasheet HTML 6Page - Linear Technology LTC4358 Datasheet HTML 7Page - Linear Technology LTC4358 Datasheet HTML 8Page - Linear Technology LTC4358 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC4358
3
4358fa
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VOUT = VDD, VDD = 9V to 26.5V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Operating Supply Range
l
926.5
V
IDD
Operating Supply Current
l
0.6
mA
IIN
IN Pin Current
VIN = VOUT ± 1V, No Load
l
150
350
450
μA
IOUT
OUT Pin Current
VIN = VOUT ± 1V, No Load
l
80
160
μA
IDRAIN
DRAIN Pin Current
VIN = 0V, VOUT = VDD = VDRAIN = 26.5V
l
5
150
μA
μA
ΔVGATE
N-Channel Gate Drive (VGATE – VIN)VDD, VOUT = 9V to 26.5V
l
4.5
15
V
IGATE(UP)
N-Channel Gate Pull Up Current
VGATE = VIN, VIN – VOUT = 0.1V
l
–14
–20
–26
μA
IGATE(DOWN)
N-Channel Gate Pull Down
Current in Fault Condition
VGATE = VIN + 5V
l
12
A
tON
Turn-On Time
VIN – VOUT = –1V –|
–
0.1V, VDRAIN = VIN,
VOUT = VDD, VGATE – VIN > 4.5V
l
200
500
μs
tOFF
Turn-Off Time
VIN – VOUT = 55mV
–|
– –1V, VDRAIN = VIN,
VOUT = VDD, VGATE – VIN < 1V
l
300
500
ns
ΔVSD
Source-Drain Regulation Voltage
(VIN – VOUT)
1mA < IIN < 100mA
l
10
25
55
mV
ΔVSD
Body Diode Forward Voltage Drop
IIN = 5A, MOSFET Off
l
0.6
0.8
1
V
RDS(ON)
Internal N-Channel MOSFET On
Resistance
IIN = 5A
l
20
40
mΩ
Note 2: All currents into pins are positive, all voltages are referenced to
GND unless otherwise specified.
Note 3: An internal clamp limits the GATE pin to a minimum of 6V above
IN. Driving this pin to voltages beyond this clamp may damage the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com