Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4358 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4358
Description  5A Ideal Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4358 Datasheet(HTML) 1 Page - Linear Technology

  LTC4358 Datasheet HTML 1Page - Linear Technology LTC4358 Datasheet HTML 2Page - Linear Technology LTC4358 Datasheet HTML 3Page - Linear Technology LTC4358 Datasheet HTML 4Page - Linear Technology LTC4358 Datasheet HTML 5Page - Linear Technology LTC4358 Datasheet HTML 6Page - Linear Technology LTC4358 Datasheet HTML 7Page - Linear Technology LTC4358 Datasheet HTML 8Page - Linear Technology LTC4358 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LTC4358
1
4358fa
FEATURES
APPLICATIONS
DESCRIPTION
5A Ideal Diode
The LTC®4358 is a 5A ideal diode that uses an internal
20mΩ N-channel MOSFET to replace a Schottky diode
when used in diode-OR and high current diode applica-
tions. The LTC4358 reduces power consumption, heat
dissipation, and PC board area.
The LTC4358 easily ORs power supplies together to in-
crease total system reliability. In diode-OR applications,
the LTC4358 regulates the forward voltage drop across
the internal MOSFET to ensure smooth current transfer
from one path to the other without oscillation. If the power
source fails or is shorted, a fast turnoff minimizes reverse
current transients.
12V, 5A Diode-OR
n Replaces a Power Schottky Diode
n Internal 20mΩ N-Channel MOSFET
n 0.5μs Turn-Off Time Limits Peak Fault Current
n Operating Voltage Range: 9V to 26.5V
n Smooth Switchover without Oscillation
n No Reverse DC Current
n Available in 14-Pin (4mm × 3mm) DFN and
16-Lead TSSOP Packages
n N+1 Redundant Power Supplies
n High Availability Systems
n Telecom Infrastructure
n Automotive Systems
Power Dissipation vs Load Current
4358 TA01
LTC4358
GND
IN
DRAIN
VDD
OUT
VINA = 12V
VOUT TO
5A LOAD
LTC4358
GND
IN
DRAIN
VDD
OUT
VINB = 12V
CURRENT (A)
0
0
0.5
1.0
1.5
2.0
2.5
3.0
24
6
8
4358 TA01b
DIODE (B530C)
POWER SAVED
FET (LTC4358)
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
TYPICAL APPLICATION


Similar Part No. - LTC4358

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4358 LINER-LTC4358 Datasheet
149Kb / 12P
5A Ideal Diode
LTC4358 LINER-LTC4358 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
logo
Analog Devices
LTC4358 AD-LTC4358 Datasheet
1Mb / 20P
Low Quiescent Current Ideal Diode Controller
LTC4358 AD-LTC4358 Datasheet
1Mb / 14P
18V, 12A Ideal Diode
LTC4358 AD-LTC4358 Datasheet
1Mb / 14P
40V, 7A Ideal Diode
More results

Similar Description - LTC4358

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4358 LINER-LTC4358 Datasheet
149Kb / 12P
5A Ideal Diode
LT4320 LINER-LT4320_15 Datasheet
960Kb / 14P
Ideal Diode Bridge Controller
LT4320-1 LINER-LT4320-1_15 Datasheet
960Kb / 14P
Ideal Diode Bridge Controller
LT4321 LINER-LT4321_15 Datasheet
177Kb / 12P
PoE Ideal Diode Bridge Controller
LTC4364-1 LINER-LTC4364-1_15 Datasheet
311Kb / 24P
Surge Stopper with Ideal Diode
LTC4364-2 LINER-LTC4364-2_15 Datasheet
311Kb / 24P
Surge Stopper with Ideal Diode
logo
Analog Devices
LTC4450 AD-LTC4450 Datasheet
1Mb / 14P
18V, 12A Ideal Diode
LTC4451 AD-LTC4451 Datasheet
1Mb / 14P
40V, 7A Ideal Diode
logo
Linear Technology
LTC4364-1 LINER-LTC4364-1 Datasheet
289Kb / 24P
Surge Stopper with Ideal Diode
logo
ON Semiconductor
NCV68061 ONSEMI-NCV68061 Datasheet
221Kb / 13P
Ideal Diode NMOS Controller
October, 2021 - Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com