Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4358 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4358
Description  5A Ideal Diode
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4358 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4358 Datasheet HTML 4Page - Linear Technology LTC4358 Datasheet HTML 5Page - Linear Technology LTC4358 Datasheet HTML 6Page - Linear Technology LTC4358 Datasheet HTML 7Page - Linear Technology LTC4358 Datasheet HTML 8Page - Linear Technology LTC4358 Datasheet HTML 9Page - Linear Technology LTC4358 Datasheet HTML 10Page - Linear Technology LTC4358 Datasheet HTML 11Page - Linear Technology LTC4358 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC4358
8
4358fa
APPLICATIONS INFORMATION
Figure 3. –12V Reverse Input Protection
LTC4358
GND
IN
DRAIN
VDD
OUT
VIN = 12V
CLOAD
C1
0.1μF
R1
100Ω
VOUT
12V
5A
4358 F03
MMBD1205
VDD Hold-Up Circuit
In the event of an input short, parasitic inductance between
the input supply of the LTC4358 and the load bypass
capacitor may cause VDD to glitch below its minimum
operating voltage. This causes the turn-off time (tOFF) to
increase. To preserve the fast turn-off time, local output
bypassing of 39μF or more is sufficient or a 100Ω, 0.1μF
RC hold-up circuit on the VDD pin can be used as shown
in Figure 2a and Figure 2b.
Layout Considerations
The following advice should be considered when laying out
a printed circuit board for the LTC4358: The OUT pin should
Figure 2. Two Methods of Protecting Against Collapse
of VDD From Input Short and Stray Inductance
4358 F02
LTC4358
GND
IN
DRAIN
VDD
OUT
VIN = 12V
LTC4358
GND
IN
DRAIN
VDD
OUT
VIN = 12V
R1
100
C1
0.1 F
CBYPASS
39 F
VOUT
VOUT
(a)
(b)
be connected as closely as possible to the EXPOSED PAD
(drain of the MOSFET) for good accuracy. Keep the traces
to the IN and DRAIN wide and short. The PCB traces as-
sociated with the power path through the MOSFET should
have low resistance. See Figure 4.
The DRAIN acts as a heatsink to remove the heat from the
device. For a single layer PCB with the DFN package, use
Figure 5 to determine the PCB area needed for a speci-
fied maximum current and ambient temperature. If using
a two sided PCB, the maximum current is increased by
10%. If the FE package is used, the maximum current is
increased by 4%.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com